Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEWE3A Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEWE3A
Description  Strahler f체r die Allgemeinbeleuchtung
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEWE3A Datasheet(HTML) 5 Page - OSRAM GmbH

  LEWE3A Datasheet HTML 1Page - OSRAM GmbH LEWE3A Datasheet HTML 2Page - OSRAM GmbH LEWE3A Datasheet HTML 3Page - OSRAM GmbH LEWE3A Datasheet HTML 4Page - OSRAM GmbH LEWE3A Datasheet HTML 5Page - OSRAM GmbH LEWE3A Datasheet HTML 6Page - OSRAM GmbH LEWE3A Datasheet HTML 7Page - OSRAM GmbH LEWE3A Datasheet HTML 8Page - OSRAM GmbH LEWE3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LE W E3A
2008-02-11
5
Farbortgruppen
3) Seite 17
Chromaticity coordinate groups
3) page 17
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
6K
0.313
0.284
7L
0.330
0.330
0.310
0.297
0.330
0.347
0.330
0.330
0.347
0.371
0.330
0.310
0.345
0.352
6L
0.310
0.297
8K
0.352
0.344
0.307
0.312
0.338
0.342
0.330
0.347
0.364
0.380
0.330
0.330
0.360
0.357
7K
0.330
0.310
8L
0.345
0.352
0.330
0.330
0.347
0.371
0.338
0.342
0.367
0.401
0.352
0.344
0.364
0.380
OHA17327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
6K
7K
8K
6L
7L
8L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com