Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHT10
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHT10 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.sensirion.com
Version 5 – December 2011
3/12
Users Guide SHT1x
1 Application Information
1.1
Operating Conditions
Sensor works stable within recommended normal range –
see Figure 4. Long term exposures to conditions outside
normal range, especially at humidity >80%RH, may
temporarily offset the RH signal (+3 %RH after 60h). After
return to normal range it will slowly return towards
calibration state by itself. See Section 1.4 “Reconditioning
Procedure” to accelerate eliminating the offset. Prolonged
exposure to extreme conditions may accelerate ageing.
Normal
Range
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Figure 4: Operating Conditions
1.2
Soldering instructions
For soldering SHT1x standard reflow soldering ovens may
be used. The sensor is qualified to withstand soldering
profile according to IPC/JEDEC J-STD-020D with peak
temperatures at 260°C during up to 40sec including Pb-
free assembly in IR/Convection reflow ovens.
Figure 5: Soldering profile according to JEDEC standard. TP <=
260°C and tP < 40sec for Pb-free assembly. TL < 220°C and tL <
150sec. Ramp-up/down speeds shall be < 5°C/sec.
For soldering in Vapor Phase Reflow (VPR) ovens the
peak conditions are limited to TP < 233°C during tP <
60sec and ramp-up/down speeds shall be limited to
10°C/sec. For manual soldering contact time must be
limited to 5 seconds at up to 350°C7.
7 233°C = 451°F, 260°C = 500°F, 350°C = 662°F
IMPORTANT: After soldering the devices should be stored
at >75%RH for at least 12h to allow the polymer to re-
hydrate. Otherwise the sensor may read an offset that
slowly disappears if exposed to ambient conditions.
Alternatively the re-hydration process may be performed at
ambient conditions (>40%RH) during more than 5 days.
In no case, neither after manual nor reflow soldering, a
board wash shall be applied. Therefore it is strongly
recommended to use “no-clean” solder paste. In case of
application with exposure of the sensor to corrosive gases
or condensed water (i.e. environments with high relative
humidity) the soldering pads shall be sealed (e.g.
conformal coating) to prevent loose contacts or short cuts.
For the design of the SHT1x footprint it is recommended to
use dimensions according to Figure 7. Sensor pads are
coated with 35µm Cu, 5µm Ni and 0.1µm Au.
Figure 6: Rear side electrodes of sensor, view from top side.
Figure 7: Recommended footprint for SHT1x. Values in mm.
1.3
Storage Conditions and Handling Instructions
It is of great importance to understand that a humidity
sensor is not a normal electronic component and needs to
be handled with care. Chemical vapors at high
concentration in combination with long exposure times
may offset the sensor reading.
For these reasons it is recommended to store the sensors
in original packaging including the sealed ESD bag at
1.97
2.47
1.07
Ø0.60
3.48
1.8
1.8
7.08
Time
tP
TP
TL
TS (max)
tL
preheating
critical zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com