Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT10
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT10 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sensirion.com
Version 5 – December 2011
1/12
Datasheet SHT1x (SHT10, SHT11, SHT15)
Humidity and Temperature Sensor IC
Fully calibrated
Digital output
Low power consumption
Excellent long term stability
SMD type package – reflow solderable
Dimensions
Figure 1: Drawing of SHT1x sensor packaging, dimensions in
mm (1mm = 0.039inch). Sensor label gives “11” for SHT11 as
an example. Contacts are assigned as follows: 1:GND, 2:DATA,
3:SCK, 4:VDD.
Sensor Chip
SHT1x V4 – for which this datasheet applies – features a
version 4 Silicon sensor chip. Besides the humidity and
temperature sensors the chip contains an amplifier, A/D
converter, OTP memory and a digital interface. V4 sensors
can be identified by the alpha-numeric traceability code on
the sensor cap – see example “A5Z” code on Figure 1.
Material Contents
While the sensor is made of a CMOS chip the sensor
housing consists of an LCP cap with epoxy glob top on an
FR4 substrate. The device is fully RoHS and WEEE
compliant, thus it is free of Pb, Cd, Hg, Cr(6+), PBB and
PBDE.
Evaluation Kits
For sensor trial measurements, for qualification of the
sensor or even experimental application (data logging) of
the sensor there is an evaluation kit EK-H4 available
including SHT71 (same sensor chip as SHT1x) and 4
sensor channels, hard and software to interface with a
computer. For other evaluation kits please check
www.sensirion.com/humidity.
Product Summary
SHT1x (including SHT10, SHT11 and SHT15) is
Sensirion’s family of surface mountable relative humidity
and temperature sensors. The sensors integrate sensor
elements plus signal processing on a tiny foot print and
provide a fully calibrated digital output. A unique
capacitive sensor element is used for measuring relative
humidity while temperature is measured by a band-gap
sensor. The applied CMOSens® technology guarantees
excellent reliability and long term stability. Both sensors
are seamlessly coupled to a 14bit analog to digital
converter and a serial interface circuit. This results in
superior signal quality, a fast response time and
insensitivity to external disturbances (EMC).
Each SHT1x is individually calibrated in a precision
humidity chamber. The calibration coefficients are
programmed into an OTP memory on the chip. These
coefficients are used to internally calibrate the signals
from the sensors. The 2-wire serial interface and internal
voltage regulation allows for easy and fast system
integration. The tiny size and low power consumption
makes SHT1x the ultimate choice for even the most
demanding applications.
SHT1x is supplied in a surface-mountable LCC (Leadless
Chip Carrier) which is approved for standard reflow
soldering processes. The same sensor is also available
with pins (SHT7x) or on flex print (SHTA1).
A5Z
1
2
NC
NC
NC
NC
NC
NC
3.3 ±0.1
4.93 ±0.05
2.0 ±0.1 1.5 ±0.1
sensor opening
2.5 ±0.1
0.8 ±0.1
3
4
11
1.5 ±0.2
2.6 MAX


Similar Part No. - SHT10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
361Kb / 2P
High Current Shunts
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
502Kb / 2P
60mv and 75mv versions
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
502Kb / 2P
High Current Shunts
SHT1-250C060DE OHMITE-SHT1-250C060DE Datasheet
502Kb / 2P
60mv and 75mv versions
SHT1-250C060DE OHMITE-SHT1-250C060DE Datasheet
502Kb / 2P
High Current Shunts
More results

Similar Description - SHT10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
General Electric Compan...
CC2A25 GEC-CC2A25 Datasheet
906Kb / 5P
ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
The Fully Calibrated Humidity and Temperature Solution
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
STS30 ETC2-STS30 Datasheet
886Kb / 17P
Fully calibrated and linearized digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com