Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT10
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT10 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT10 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT10 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet SHT1x
www.sensirion.com
Version 5 – December 2011
8/12
Bit Type Description
Default
7
reserved
0
6 R
End of Battery (low voltage
detection)
‘0’ for VDD > 2.47
‘1’ for VDD < 2.47
X
No default value,
bit is only updated
after a
measurement
5
reserved
0
4
reserved
0
3
For Testing only, do not use
0
2 R/W
Heater
0 off
1 R/W
no reload from OTP
0 reload
0 R/W
’1’ = 8bit RH / 12bit Temp.
resolution
’0’ = 12bit RH / 14bit Temp.
resolution
0
12bit RH
14bit Temp.
Table 5: Status Register Bits
Measurement resolution: The default measurement
resolution of 14bit (temperature) and 12bit (humidity) can
be reduced to 12 and 8bit. This is especially useful in high
speed or extreme low power applications.
End of Battery function detects and notifies VDD voltages
below 2.47V. Accuracy is
±0.05V.
Heater: An on chip heating element can be addressed by
writing a command into status register. The heater may
increase the temperature of the sensor by 5 – 10°C12
beyond ambient temperature. The heater draws roughly
8mA @ 5V supply voltage.
For example the heater can be helpful for functionality
analysis: Humidity and temperature readings before and
after applying the heater are compared. Temperature shall
increase while relative humidity decreases at the same
time. Dew point shall remain the same.
Please note: The temperature reading will display the
temperature of the heated sensor element and not
ambient temperature. Furthermore, the sensor is not
qualified for continuous application of the heater.
OTP reload: With this operation the calibration data is
uploaded to the register before each measurement. This
may be deactivated for reducing measurement time by
about 10ms.
4 Conversion of Signal Output
4.1
Relative Humidity
For compensating non-linearity of the humidity sensor –
see Figure 18 – and for obtaining the full accuracy of the
sensor it is recommended to convert the humidity readout
12 Corresponds to 9 – 18°F
(SORH) with the following formula with coefficients given in
Table 6:
2
RH
3
RH
2
1
linear
SO
c
SO
c
c
RH
⋅
+
⋅
+
=
(%RH)
SORH
c1
c2
c3
12 bit
-2.0468
0.0367
-1.5955E-6
8 bit
-2.0468
0.5872
-4.0845E-4
Table 6: Humidity conversion coefficients
Values higher than 99% RH indicate fully saturated air and
must be processed and displayed as 100%RH13. Please
note that the humidity sensor has no significant voltage
dependency.
0%
20%
40%
60%
80%
100%
0
500
1000
1500
2000
2500
3000
3500
SORH sensor readout (12bit)
Figure 18: Conversion from SORH to relative humidity
4.2
Temperature compensation of Humidity Signal
For temperatures significantly different from 25°C (~77°F)
the humidity signal requires temperature compensation.
The temperature correction corresponds roughly to
0.12%RH/°C @ 50%RH. Coefficients for the temperature
compensation are given in Table 7.
(
) (
)
linear
RH
2
1
C
true
RH
SO
t
t
25
T
RH
+
⋅
+
⋅
−
=
°
SORH
t1
t2
12 bit
0.01
0.00008
8 bit
0.01
0.00128
Table 7: Temperature compensation coefficients
4.3
Temperature
The
band-gap
PTAT
(Proportional
To
Absolute
Temperature) temperature sensor is very linear by design.
Use the following formula to convert digital readout (SOT)
to temperature value, with coefficients given in Table 8:
T
2
1
SO
d
d
T
⋅
+
=
13 If wetted excessively (strong condensation of water on sensor surface),
sensor output signal can drop below 100%RH (even below 0%RH in some
cases), but the sensor will recover completely when water droplets
evaporate. The sensor is not damaged by water immersion or condensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com