Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTW2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SHTW2
Description  Ultra-small flip chip package: 1.3 횞 0.7 횞 0.5 mm3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTW2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SHTW2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.sensirion.com
Version 2 – August 2016
4/14
Parameter
Rating
Supply voltage, VDD
-0.3 to +2.16 V
Operating temperature range
-40 to +125 °C
Storage temperature range11
-40 to +125 °C
ESD HBM
2 kV
ESD MM
200 V
ESD CDM
500 V
Latch up, JESD78 Class II
100mA
Table 4 Absolute maximum ratings.
3 Timing Specifications
3.1 Sensor System Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values specified in the table below, unless otherwise stated.
Max. values are measured at -30°C and 1.98V supply voltage.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
Power-up time
tPU
After hard reset, VDD ≥ VPOR
-
182
239
µs
Time between VDD reaching VPU
and sensor entering idle state
Soft reset time
tSR
After soft reset.
-
173
230
µs
Time between ACK of soft reset
command and sensor entering
idle state
Measurement duration
tMEAS
-
-
10.8
14.4
ms
Duration for a humidity and
temperature measurement12
Table 5 System timing specifications.
3.2 Communication Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values in the table below, unless otherwise stated.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
SCL clock frequency
fSCL
-
0
-
400
kHz -
Hold time (repeated) START
condition
tHD;STA
After this period, the first
clock pulse is generated
0.6
-
-
µs
-
LOW period of the SCL clock tLOW
-
1.3
-
-
µs
-
HIGH period of the SCL clock tHIGH
-
0.6
-
-
µs
-
Set-up time for a repeated
START condition
tSU;STA
-
0.6
-
-
µs
-
SDA hold time
tHD;DAT
-
0
-
-
-
SDA set-up time
tSU;DAT
-
100
-
-
ns
-
SCL/SDA rise time
tR
-
20
-
300
ns
-
SCL/SDA fall time
tF
-
20 *
(VDD/5.5)
-
300
ns
-
SDA valid time
tVD;DAT
-
-
-
0.9
µs
-
Set-up time for STOP
condition
tSU;STO
-
0.6
-
-
µs
-
Capacitive load on bus line
CB
-
-
-
400
pF
-
Table 6 Communication timing specifications. The numbers above are values according to the I2C specification.
11 The recommended storage temperature range is 10-50°C. Please consult the document “SHTxx Handling Instructions ” for more information.
12 These values can be reduced by using the low power measurement mode, see separate application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com