Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTW2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHTW2
Description  Ultra-small flip chip package: 1.3 횞 0.7 횞 0.5 mm3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTW2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHTW2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.sensirion.com
Version 2 – August 2016
1/14
Data Sheet SHTW2
WLCSP Humidity and Temperature Sensor IC
Ultra-small flip chip package: 1.3 × 0.7 × 0.5 mm3
Fully calibrated and reflow solderable
Ultra-low power consumption
Power-up and measurement within 1 ms
1.8 V supply voltage
Typical accuracy: ±3 %RH and ±0.4 °C
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 10 years
Designed for mass production
Optimized for lowest cost
Best signal-to-noise ratio
Contents of this Data Sheet
1
Humidity and Temperature Sensor Specifications ... 2
2
Electrical Specifications ........................................... 3
3
Timing Specifications ............................................... 4
4
Interface Specifications............................................ 5
5
Operation and Communication ................................ 6
6
Quality...................................................................... 9
7
Package and Traceability......................................... 9
8
Technical Drawings................................................ 10
9
Further Information ................................................ 12
Important Notices............................................................ 14
Block diagram
Figure 1 Functional block diagram of the SHTW2.
RH sensor
T sensor
Signal conditioning
Signal conditioning
ADC
I2C interface
Calibration mem.
VDD
VSS
SDA
SCL
Data processing and system control
analog
digital
Product Summary
The SHTW2 is a digital humidity and temperature sensor
in a flip chip package. This type of package opens up a
new category of ultra-small humidity sensors which are
suitable for applications with the tightest space
constraints. At the same time, the flip chip package
impresses with its pure simplicity.
The sensor is based on Sensirion’s CMOSens®
technology, which offers a complete sensor system on a
single chip, consisting of a capacitive humidity sensor, a
bandgap temperature sensor, analog and digital signal
processing, A/D converter, calibration data memory, and
a digital communication interface supporting I2C fast
mode.
The sensor covers a humidity measurement range of 0 to
100 %RH and a temperature measurement range of -30
to 100 °C with a typical accuracy of ±3 %RH and ±0.4°C.
The operation voltage of 1.8 V and the low power
consumption make the SHTW2 suitable for mobile or
wireless applications running on the tightest power
budgets. With the industry-proven quality and reliability of
Sensirion’s humidity and temperature sensors and
constant accuracy over a large measurement range, the
SHTW2 offers an unprecedented performance-to-price
ratio. Tape and reel packaging together with suitability for
standard SMD assembly processes make the SHTW2
predestined for high-volume applications.


Similar Part No. - SHTW2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SHT MERITEK-SHT Datasheet
131Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
Ohmite Mfg. Co.
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
361Kb / 2P
High Current Shunts
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
502Kb / 2P
60mv and 75mv versions
SHT1-200C075DE OHMITE-SHT1-200C075DE Datasheet
502Kb / 2P
High Current Shunts
SHT1-250C060DE OHMITE-SHT1-250C060DE Datasheet
502Kb / 2P
60mv and 75mv versions
More results

Similar Description - SHTW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V3640 TI-SN74V3640 Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Winbond
W9864G6IH WINBOND-W9864G6IH Datasheet
1Mb / 43P
1M 횞 4BANKS 횞 16BITS SDRAM
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
logo
HYES Optoelectronics, I...
HL1002 HYES-HL1002 Datasheet
1Mb / 24P
OLED (96 횞 RGB 횞 64)
HL1504 HYES-HL1504 Datasheet
1Mb / 25P
OLED (160 횞 RGB 횞 128)
HL1505 HYES-HL1505 Datasheet
1Mb / 24P
OLED (128 횞 RGB 횞 128)
HL1701 HYES-HL1701 Datasheet
1,022Kb / 25P
OLED (160 횞 RGB 횞 128)
logo
Winbond
W9864G6IH WINBOND-W9864G6IH_10 Datasheet
672Kb / 44P
1M 횞 4BANKS 횞 16BITS SDRAM
logo
Texas Instruments
ADS1015IDGST TI-ADS1015IDGST Datasheet
1Mb / 33P
ULTRA-SMALL QFN PACKAGE:2mm 횞 1,5mm 횞 0,4mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com