Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTW2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHTW2
Description  Ultra-small flip chip package: 1.3 횞 0.7 횞 0.5 mm3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTW2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHTW2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHTW2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.sensirion.com
Version 2 – August 2016
8/14
5.10 Communication Data Sequences
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
S
P
SHTW2 measuring
1 1 1 0 0 0 0 0
0 1 0 1 1 1 0 0
0 0 1 0 0 1 0 0
I2C address + write
Measurement command MSB
Measurement command LSB
Measurement in progress
29 30 31 32 33 34 35 36 37 38 39
40 41 42 43 44 45 46 47 48 49
S
P SHTW2 measuring
SHTW2 in idle
state
S
1 1 1 0 0 0 0 1
1 1 1 0 0 0 0 1
repeated I2C address + read
while meas. is in prog. (polling)
measurement cont’d
measurement
completed
I2C address + read
29 30 31 32 33 34 35 36 37 38
S
SHTW2 measuring,
SCL line pulled low
1 1 1 0 0 0 0 1
I2C address + read
while meas. is in progress
measurement continued
50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76
1 0 1 0 0 0 0 1
0 0 1 1 0 0 1 1
0 0 0 1 1 1 0 0
Humidity MSB
Humidity LSB
Humidity CRC checksum
77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104
P
0 1 1 0 0 1 0 0
1 0 0 0 1 0 1 1
1 1 0 0 0 1 1 1
Temperature MSB
Temperature LSB
Temperature CRC checksum
Figure 7 Communication sequence for starting a measurement and reading measurement results displaying both clock stretching options.
The numerical example corresponds to a read humidity-first command with clock stretching enabled. The physical values of the transmitted
measurement results are 65.6 %RH and 23.7 °C. Clear blocks are controlled by the microcontroller, grey blocks by the SHTW2.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
S
P
1 1 1 0 0 0 0 0
1 0 0 0 0 0 0 0
0 1 0 1 1 1 0 1
I2C address + write
Command MSB
Command LSB
Figure 8 Command access communication sequence. The example shows a soft reset command. Clear blocks are controlled by the
microcontroller, grey blocks by the SHTW2.
clock stretching
disabled
clock
stretching enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com