Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC320FP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC320FP
Description  Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC320FP Datasheet(HTML) 3 Page - Motorola, Inc

  MAC320FP Datasheet HTML 1Page - Motorola, Inc MAC320FP Datasheet HTML 2Page - Motorola, Inc MAC320FP Datasheet HTML 3Page - Motorola, Inc MAC320FP Datasheet HTML 4Page - Motorola, Inc MAC320FP Datasheet HTML 5Page - Motorola, Inc MAC320FP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAC320FP Series MAC320AFP Series
3
Motorola Thyristor Device Data
Figure 5. Maximum On-State Characteristics
Figure 4. Typical Gate Trigger Current
Figure 3. Typical Gate Trigger Voltage
1
30
2
3
5
7
10
20
50
70
100
0.1
0.7
0.5
0.3
4
0.2
0.4
0.8
1.2
1.6
2
2.4
2.8
3.6
3.2
4.4
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
TJ = 25°C
–60
120
–40
0
–20
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
0.7
0.5
0.3
3
2
1
TJ, JUNCTION TEMPERATURE (°C)
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
0.7
0.5
0.3
3
2
1
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com