Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC320FP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC320FP
Description  Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC320FP Datasheet(HTML) 2 Page - Motorola, Inc

  MAC320FP Datasheet HTML 1Page - Motorola, Inc MAC320FP Datasheet HTML 2Page - Motorola, Inc MAC320FP Datasheet HTML 3Page - Motorola, Inc MAC320FP Datasheet HTML 4Page - Motorola, Inc MAC320FP Datasheet HTML 5Page - Motorola, Inc MAC320FP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC320FP Series MAC320AFP Series
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = +125°C
IDRM
—
—
—
—
10
2
µA
mA
Peak On-State Voltage (Either Direction)
(ITM = 28 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%)
VTM
—
1.4
1.7
Volts
Peak Gate Trigger Current
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms
Minimum Gate Pulse Width = 2
µs)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
—
—
—
—
—
—
—
—
50
50
50
75
mA
Peak Gate Trigger Voltage
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms
Minimum Gate Pulse Width = 2
µs)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 , TJ = +110°C)
MT2(+), G(+); MT2(+), G(–)
MT2(–), G(–); MT2(–), G(+) “A” SUFFIX ONLY
VGT
—
—
—
—
0.2
0.2
0.9
0.9
1.1
1.4
—
—
2
2
2
2.5
—
—
Volts
Holding Current (Either Direction)
(Main Terminal Voltage = 12 Vdc, Gate Open,
Initiating Current = 200 mA)
IH
—
6
40
mA
Turn-On Time
(VD = Rated VDRM, ITM = 28 A, IGT = 120 mA,
Rise Time = 0.1
µs, Pulse Width = 2 µs)
tgt
—
1.5
10
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 28 A, Commutating di/dt = 10 A/ms,
Gate Unenergized, TC = +75°C)
dv/dt(c)
—
5
—
V/
µs
110
120
130
2.0
4.0
6.0
8.0
10
12
60
70
80
90
100
14
16
dc
0
Figure 1. RMS Current Derating
5.0
40
35
30
25
20
15
10
20
18
Figure 2. On-State Power Dissipation
IT(RMS), RMS ON-STATE CURRENT (AMP)
50
0
2.0
4.0
6.0
8.0
10
12
14
16
0
20
18
IT(RMS), RMS ON-STATE CURRENT (AMP)
α = 30°
60
°
90
°
180
°
α = Conduction
Angle
α
α
α = Conduction
Angle
α
α
180
°
dc
90
°
60
°
α = 30°
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com