Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC320FP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC320FP
Description  Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC320FP Datasheet(HTML) 1 Page - Motorola, Inc

  MAC320FP Datasheet HTML 1Page - Motorola, Inc MAC320FP Datasheet HTML 2Page - Motorola, Inc MAC320FP Datasheet HTML 3Page - Motorola, Inc MAC320FP Datasheet HTML 4Page - Motorola, Inc MAC320FP Datasheet HTML 5Page - Motorola, Inc MAC320FP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as solid-state relays,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Blocking Voltage to 800 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC320FP Series) or
Four Modes (MAC320AFP Series)
MAXIMUM RATINGS (TC = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1) (TJ = –40 to +125°C,
1/2 Sine Wave 50 to 60 Hz, Gate Open)
MAC320-4FP, MAC320A4FP
MAC320-6FP, MAC320A6FP
MAC320-8FP, MAC320A8FP
MAC320-10FP, MAC320A10FP
VDRM
200
400
600
800
Volts
Peak Gate Voltage
VGM
10
Volts
On-State RMS Current (TC = +75°C, Full Cycle Sine Wave 50 to 60 Hz)(2)
IT(RMS)
20
Amps
Peak Nonrepetitive Surge Current (One Full Cycle, 60 Hz, TC = +75°C,
preceded and followed by rated current)
ITSM
150
Amps
Peak Gate Power (TC = +75°C, Pulse Width = 2 µs)
PGM
20
Watts
Average Gate Power (TC = +75°C, t = 8.3 ms)
PG(AV)
0.5
Watt
Peak Gate Current
IGM
2
Amps
RMS Isolation Voltage (TA = 25°C, Relative Humidity p 20%)
V(ISO)
1500
Volts
Operating Junction Temperature
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.8
°C/W
Thermal Resistance, Case to Sink
R
θCS
2.2 (typ)
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
2. The case temperature reference point for all TC measurements is a point on the center lead of the package as close as possible to the
plastic body.
Order this document
by MAC320FP/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MT1
G
MT2
MAC320FP
Series
MAC320AFP
Series
CASE 221C-02
STYLE 3
ISOLATED TRIACs
THYRISTORS
20 AMPERES RMS
200 thru 800 VOLTS


Similar Part No. - MAC320FP

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC320 NJSEMI-MAC320 Datasheet
106Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC320-10 DIGITRON-MAC320-10 Datasheet
206Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC320-10 NJSEMI-MAC320-10 Datasheet
106Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC320-4 DIGITRON-MAC320-4 Datasheet
206Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC320FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com