Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC75 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 18Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 19Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 20Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 21Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 22Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 23Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 24Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 25Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 22 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
Table 9-2. External Component Selection for Murata Ceramic Resonators (Vdd=5.0V)
FOSC2:FOSC0
Resonator
Frequency
Resonator Part Number
C1
C2
RF
RS
011
4 MHz
CSA4.00MG
30 pF
30 pF
1M
Ω
0
Ω
011
4 MHz
CST4.00MGW
Internal
(30 pF)
Internal
(30 pF)
1 M
Ω
0
Ω
011
4 MHz
CSTCC4.00G0H6
Internal
(47 pF)
Internal
(47 pF)
1 M
Ω
0
Ω
011
8 MHz
CSA8.00MTZ
30 pF
30 pF
1 M
Ω
0
Ω
011
8 MHz
CST8.00MTW
Internal
(30 pF)
Internal
30 pF)
1 M
Ω
0
Ω
011
8 MHz
CSTCC8.00MG0H6
Internal
(47 pF)
Internal
47pF)
1 M
Ω
0
Ω
011
20 MHz
CSA20.00MXZ040
5 pF
5 pF
1 M
Ω
0
Ω
011
20 MHz
CST20.00MXW0H1
Internal
(5 pF)
Internal
(5 pF)
1 M
Ω
0
Ω
011
20 MHz
CSACV20.00MXJ040
5 pF
5 pF
22 k
Ω
0
Ω
011
20 MHz
CSTCV20.00MXJ0H1
Internal
(5 pF)
Internal
(5 pF)
22 k
Ω
0
Ω
100
33 MHz
CSA33.00MXJ040
5 pF
5 pF
1 M
Ω
0
Ω
100
33 MHz
CST33.00MXW040
Internal
(5 pF)
Internal
(5 pF)
1 M
Ω
0
Ω
100
33 MHz
CSACV33.00MXJ040
5 pF
5 pF
1 M
Ω
0
Ω
100
33 MHz
CSTCV33.00MXJ040
Internal
(5 pF)
Internal
(5 pF)
1 M
Ω
0
Ω
101
50 MHz
CSA50.00MXZ040
15 pF
15 pF
10 k
Ω
0
Ω
101
50 MHz
CST50.00MXW0H3
Internal
(15 pF)
Internal
(15 pF)
10 k
Ω
0
Ω
101
50 MHz
CSACV50.00MXJ040
15 pF
15 pF
10 k
Ω0 Ω
101
50 MHz
CSTCV50.00MXJ0H3
Internal
(15 pF)
Internal
(15 pF)
10 k
Ω0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com