Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC75 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 3Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 4Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 5Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 9Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 10Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 7 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
3.0
PORT DESCRIPTIONS
The device contains a 4-bit I/O port (Port A) and two 8-bit
I/O ports (Port B, Port C). Port A provides symmetrical
drive capability. Each port has three associated 8-bit reg-
isters (Direction, Data, TTL/CMOS Select, and Pull-Up
Enable) to configure each port pin as Hi-Z input or output,
to select TTL or CMOS voltage levels, and to enable/dis-
able the weak pull-up resistor. The upper four bits of the
registers associated with Port A are not used. The least
significant bit of the registers corresponds to the least
significant port pin. To access these registers, an appro-
priate value must be written into the MODE register.
Upon power-up, all bits in these registers are initialized to
“1”.
The associated registers allow for each port bit to be indi-
vidually configured under software control as shown
below:
3.1
Reading and Writing the Ports
The three ports are memory-mapped into the data mem-
ory address space. To the CPU, the three ports are avail-
able as the RA, RB, and RC file registers at data memory
addresses 05h, 06h, and 07h, respectively.
Writing to a port data register sets the voltage levels of
the corresponding port pins that have been configured to
operate as outputs. Reading from a register reads the
voltage levels of the corresponding port pins that have
been configured as inputs.
Table 3-1. Port Configuration
Data Direction
Registers:
RA, RB, RC
TTL/CMOS
Select Registers:
LVL_A, LVL_B,
LVL_C
Pullup Enable
Registers:
PLP_A, PLP_B,
PLP_C
010101
Output
Hi-Z
Input
CMOS
TTL
Enable
Disable
Figure 3-1. Port A Configuration
MODE
RA
RA Data
LVL_A
0 = Output
1 = Hi-Z Input
WR
WR
0 = CMOS
1 = TTL
RD
TTL Buffer
CMOS Buffer
Vdd
Pullup
Port A PIN
M
U
X
WR
Direction
PLP_A
0 = Pullup Enable
1 = Pullup Disable
Port A INPUT
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com