Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC75 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 35Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 36Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 37Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 38Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 39Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 40Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 42Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 39 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.0
ELECTRICAL CHARACTERISTICS
17.1
Absolute Maximum Ratings
Ambient temperature under bias
-40
°C to +85°C
Storage temperature
-65
°C to +150°C
Voltage on Vdd with respect to Vss
0 V to +7.0V
Voltage on OSC1 with respect to Vss
0 V to +13.5V
Voltage on MCLR with respect to Vss
0 V to +13.5V
Voltage on all other pins with respect to Vss
-0.6 V to (Vdd + 0.6V)V
Total power dissipation
700 mW
Max. current out of Vss pin
130 mA
Max. current into Vdd pin
130 mA
Max. DC current into an input pin (with internal protection diode forward
biased)
+500
µA
Max. allowable sink current per I/O pin
45 mA
Max. allowable source current per I/O pin
45 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com