Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL34A
Description  Moisture Sensitivity Level 1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL34A Datasheet(HTML) 1 Page - Micro Commercial Components

  SL34A Datasheet HTML 1Page - Micro Commercial Components SL34A Datasheet HTML 2Page - Micro Commercial Components SL34A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
L310A
3 Amp Schottky
Rectifier
60~100 Volts
Features
•
Extremely Low Thermal Resistance
•
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S
L34A
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA =
75°C
Peak Forward Surge
Current
IFSM
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
.5mA
Ta = 25°C
Maximum Instantaneous
Forward Voltage
VF
.
45V
IFM = 3.0A;
Ta = 25°C

 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
2015/11/26
DO-214AC
(SMA) (LEAD FRAME)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
1 of
3
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7
a.
60A
8.3ms, half sine
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
High
Surge forward current capability
•
Operating Temperature: -5
5°C to +150°C
•
Storage Temperature: -5
5°C to +150°C
•
Maximum Thermal Resistance; 1
8°C/W Junction To Lead
S
L34A
Micro Commercial Components
M C C
TM
S
L36A
S
L34A
S
L36A
60V
42V
60V
S
L310A
100V
70V
100V
S
L36A
S
L310A
S
L34A
S
L36A
S
L310A
.
50V
.
60V


Similar Part No. - SL34A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL34A WEITRON-SL34A Datasheet
189Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SL34A SMC-SL34A Datasheet
188Kb / 6P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL34A GOOD-ARK-SL34A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
SL34A FRONTIER-SL34A Datasheet
458Kb / 2P
3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SL34A BILIN-SL34A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL34A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
logo
Abracon Corporation
ASEMP ABRACON-ASEMP Datasheet
4Mb / 7P
Moisture Sensitivity Level ??MSL 1
07.16.12
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_13 Datasheet
239Kb / 4P
Low Current Leakage and Low Cost Moisture Sensitivity Level 1
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
Surface mounted device type, Moisture sensitivity level 1
logo
Micro Commercial Compon...
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
Moisture Sensitivity Level 1
logo
P-tec Corporation
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
JEDEC moisture sensitivity level 2A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com