Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM60 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM60 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM60 Datasheet HTML 1Page - National Semiconductor (TI) LM60 Datasheet HTML 2Page - National Semiconductor (TI) LM60 Datasheet HTML 3Page - National Semiconductor (TI) LM60 Datasheet HTML 4Page - National Semiconductor (TI) LM60 Datasheet HTML 5Page - National Semiconductor (TI) LM60 Datasheet HTML 6Page - National Semiconductor (TI) LM60 Datasheet HTML 7Page - National Semiconductor (TI) LM60 Datasheet HTML 8Page - National Semiconductor (TI) LM60 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+12V to −0.2V
Output Voltage
(+V
S + 0.6V) to
−0.6V
Output Current
10 mA
Input Current at any pin (Note 2)
5 mA
ESD Susceptibility (Note 3) :
Human Body Model
2500V
Machine Model
SOT-23
TO-92
250V
200V
Recommended Lead Temperature
(Note 4):
SOT Package:
Vapor Phase (60 sec)
Infrared (15 sec)
TO-92 Package (3 sec, dwell time)
+215˚C
+220˚C
+240˚C
Storage Temperature
−65˚C to
+150˚C
Maximum Junction Temperature
(T
JMAX)
+125˚C
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN ≤ TA ≤ TMAX
LM60B
−25˚C
≤ T
A ≤ +125˚C
LM60C
−40˚C
≤ T
A ≤ +125˚C
Supply Voltage Range (+V
S)
+2.7V to +10V
Thermal Resistance,
θ
JA (Note
5)
SOT-23
TO-92
450˚C/W
180˚C/W
Electrical Characteristics
Unless otherwise noted, these specifications apply for +V
S = +3.0 VDC and I LOAD = 1 µA. Boldface limits apply for TA =TJ
=T
MIN to TMAX ; all other limits TA =TJ = 25˚C.
Parameter
Conditions
Typical
(Note 6)
LM60B
LM60C
Units
(Limit)
Limits
Limits
(Note 7)
(Note 7)
Accuracy (Note 8)
±2.0
±3.0
˚C (max)
±3.0
±4.0
˚C (max)
Output Voltage at 0˚C
+424
mV
Nonlinearity (Note 9)
±0.6
±0.8
˚C (max)
Sensor Gain
+6.25
+6.06
+6.00
mV/˚C (min)
(Average Slope)
+6.44
+6.50
mV/˚C (max)
Output Impedance
800
800
Ω (max)
Line Regulation (Note 10)
+3.0V
≤ +V
S ≤ +10V
±0.3
±0.3
mV/V (max)
+2.7V
≤ +V
S ≤ +3.3V
±2.3
±2.3
mV (max)
Quiescent Current
+2.7V
≤ +V
S ≤ +10V
82
110
110
µA (max)
125
125
µA (max)
Change of Quiescent Current
+2.7V
≤ +V
S ≤ +10V
±5.0
µA (max)
Temperature Coefficient of
0.2
µA/˚C
Quiescent Current
Long Term Stability (Note 11)
T
J=TMAX=+125˚C, for
±0.2
˚C
1000 hours
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > +VS), the current at that pin should be limited to 5 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: See the URL ”http://www.national.com/packaging/“ for other recomdations and methods of soldering surface mount devices.
Note 5: The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
Note 6: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Accuracy is defined as the error between the output voltage and +6.25 mV/˚C times the device’s case temperature plus 424 mV, at specified conditions of
voltage, current, and temperature (expressed in ˚C).
Note 9: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature
range.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com