Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM60 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM60 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM60 Datasheet HTML 1Page - National Semiconductor (TI) LM60 Datasheet HTML 2Page - National Semiconductor (TI) LM60 Datasheet HTML 3Page - National Semiconductor (TI) LM60 Datasheet HTML 4Page - National Semiconductor (TI) LM60 Datasheet HTML 5Page - National Semiconductor (TI) LM60 Datasheet HTML 6Page - National Semiconductor (TI) LM60 Datasheet HTML 7Page - National Semiconductor (TI) LM60 Datasheet HTML 8Page - National Semiconductor (TI) LM60 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics To generate these curves the LM60 was mounted to a
printed circuit board as shown in
Figure 2. (Continued)
Supply Voltage
vs Supply Current
Start-Up Response
01268112
01268122
1.0 Mounting
The LM60 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface. The temperature that the LM60 is
sensing will be within about +0.1˚C of the surface tempera-
ture that LM60’s leads are attached to.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature of the LM60 die would be at an interme-
diate temperature between the surface temperature and the
air temperature.
To ensure good thermal conductivity the backside of the
LM60 die is directly attached to the GND pin. The lands and
traces to the LM60 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the LM60’s temperature to deviate from the de-
sired temperature.
Alternatively, the LM60 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM60 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
ensure that moisture cannot corrode the LM60 or its connec-
tions.
The thermal resistance junction to ambient (
θ
JA )isthe
parameter used to calculate the rise of a device junction
temperature due to the device power dissipation. For the
LM60 the equation used to calculate the rise in the die
temperature is as follows:
T
J =TA + θ JA [(+VS IQ) + (+VS −VO)IL]
where I
Q is the quiescent current and ILis the load current on
the output.
The table shown in
Figure 3 summarizes the rise in die
temperature of the LM60 without any loading, and the ther-
mal resistance for different conditions.
01268114
FIGURE 2. Printed Circuit Board Used
for Heat Sink to Generate All Curves.
1
⁄2" Square Printed Circuit Board
with 2 oz. Copper Foil or Similar.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com