Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM60 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM60 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM60 Datasheet HTML 1Page - National Semiconductor (TI) LM60 Datasheet HTML 2Page - National Semiconductor (TI) LM60 Datasheet HTML 3Page - National Semiconductor (TI) LM60 Datasheet HTML 4Page - National Semiconductor (TI) LM60 Datasheet HTML 5Page - National Semiconductor (TI) LM60 Datasheet HTML 6Page - National Semiconductor (TI) LM60 Datasheet HTML 7Page - National Semiconductor (TI) LM60 Datasheet HTML 8Page - National Semiconductor (TI) LM60 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Continued)
Note 10: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance.
Note 11: For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature cycled for at least 46
hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time for stress relaxation to occur. The
majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after 1000 hours will not continue at the first 1000 hour rate.
Typical Performance Characteristics To generate these curves the LM60 was mounted to a
printed circuit board as shown in
Figure 2.
Thermal Resistance
Junction to Air
Thermal Time Constant
Thermal Response in
Still Air with Heat Sink
01268103
01268104
01268105
Thermal Response
in Stirred Oil Bath
with Heat Sink
Start-Up Voltage
vs. Temperature
Thermal Response in Still
Air without a Heat Sink
01268106
01268107
01268108
Quiescent Current
vs. Temperature
Accuracy vs Temperature
Noise Voltage
01268109
01268110
01268111
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com