Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567C Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM567C
Description  Tone Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567C Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM567C Datasheet HTML 1Page - National Semiconductor (TI) LM567C Datasheet HTML 2Page - National Semiconductor (TI) LM567C Datasheet HTML 3Page - National Semiconductor (TI) LM567C Datasheet HTML 4Page - National Semiconductor (TI) LM567C Datasheet HTML 5Page - National Semiconductor (TI) LM567C Datasheet HTML 6Page - National Semiconductor (TI) LM567C Datasheet HTML 7Page - National Semiconductor (TI) LM567C Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
AC Test Circuit
Applications Information
The center frequency of the tone decoder is equal to the free
running frequency of the VCO. This is given by
The bandwidth of the filter may be found from the approxi-
mation
Where:
V
i = Input voltage (volts rms), Vi ≤ 200 mV
C
2 = Capacitance at Pin 2 (µF)
Oscillator with Quadrature Output
DS006975-6
Connect Pin 3 to 2.8V to Invert Output
Oscillator with Double Frequency Output
DS006975-7
Precision Oscillator Drive 100 mA Loads
DS006975-8
DS006975-9
fi = 100 kHz + 5V
*Note: Adjust for fo = 100 kHz.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com