Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM567C
Description  Tone Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM567C Datasheet HTML 1Page - National Semiconductor (TI) LM567C Datasheet HTML 2Page - National Semiconductor (TI) LM567C Datasheet HTML 3Page - National Semiconductor (TI) LM567C Datasheet HTML 4Page - National Semiconductor (TI) LM567C Datasheet HTML 5Page - National Semiconductor (TI) LM567C Datasheet HTML 6Page - National Semiconductor (TI) LM567C Datasheet HTML 7Page - National Semiconductor (TI) LM567C Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage Pin
9V
Power Dissipation (Note 2)
1100 mW
V
8
15V
V
3
−10V
V
3
V
4 + 0.5V
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
LM567H
−55˚C to +125˚C
LM567CH, LM567CM, LM567CN
0˚C to +70˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
AC Test Circuit, T
A = 25˚C, V
+ = 5V
Parameters
Conditions
LM567
LM567C/LM567CM
Units
Min
Typ
Max
Min
Typ
Max
Power Supply Voltage Range
4.75
5.0
9.0
4.75
5.0
9.0
V
Power Supply Current Quiescent
R
L = 20k
6
8
7
10
mA
Power Supply Current Activated
R
L = 20k
11
13
12
15
mA
Input Resistance
18
20
15
20
k
Ω
Smallest Detectable Input Voltage
I
L = 100 mA, fi =fo
20
25
20
25
mVrms
Largest No Output Input Voltage
I
C = 100 mA, fi =fo
10
15
10
15
mVrms
Largest Simultaneous Outband Signal to
Inband Signal Ratio
66
dB
Minimum Input Signal to Wideband Noise
Ratio
B
n = 140 kHz
−6
−6
dB
Largest Detection Bandwidth
12
14
16
10
14
18
% of f
o
Largest Detection Bandwidth Skew
1
2
2
3
% of f
o
Largest Detection Bandwidth Variation
with Temperature
±0.1
±0.1
%/˚C
Largest Detection Bandwidth Variation
with Supply Voltage
4.75–6.75V
±1
±2
±1
±5
%V
Highest Center Frequency
100
500
100
500
kHz
Center Frequency Stability (4.75–5.75V)
0 < T
A < 70
−55 < T
A < +125
35 ± 60
35 ±
140
35 ± 60
35 ±
140
ppm/˚C
ppm/˚C
Center Frequency Shift with Supply
Voltage
4.75V–6.75V
4.75V–9V
0.5
1.0
2.0
0.4
2.0
2.0
%/V
%/V
Fastest ON-OFF Cycling Rate
f
o/20
f
o/20
Output Leakage Current
V
8 = 15V
0.01
25
0.01
25
µA
Output Saturation Voltage
e
i = 25 mV, I8 =30mA
e
i = 25 mV, I8 = 100 mA
0.2
0.6
0.4
1.0
0.2
0.6
0.4
1.0
V
Output Fall Time
30
30
ns
Output Rise Time
150
150
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 2: The maximum junction temperature of the LM567 and LM567C is 150˚C. For operating at elevated temperatures, devices in the TO-5 package must be de-
rated based on a thermal resistance of 150˚C/W, junction to ambient or 45˚C/W, junction to case. For the DIP the device must be derated based on a thermal resis-
tance of 110˚C/W, junction to ambient. For the Small Outline package, the device must be derated based on a thermal resistance of 160˚C/W, junction to ambient.
Note 3: Refer to RETS567X drawing for specifications of military LM567H version.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com