Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM567C
Description  Tone Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM567C Datasheet HTML 1Page - National Semiconductor (TI) LM567C Datasheet HTML 2Page - National Semiconductor (TI) LM567C Datasheet HTML 3Page - National Semiconductor (TI) LM567C Datasheet HTML 4Page - National Semiconductor (TI) LM567C Datasheet HTML 5Page - National Semiconductor (TI) LM567C Datasheet HTML 6Page - National Semiconductor (TI) LM567C Datasheet HTML 7Page - National Semiconductor (TI) LM567C Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM567/LM567C
Tone Decoder
General Description
The LM567 and LM567C are general purpose tone decoders
designed to provide a saturated transistor switch to ground
when an input signal is present within the passband. The cir-
cuit consists of an I and Q detector driven by a voltage con-
trolled oscillator which determines the center frequency of
the decoder. External components are used to indepen-
dently set center frequency, bandwidth and output delay.
Features
n 20 to 1 frequency range with an external resistor
n Logic compatible output with 100 mA current sinking
capability
n Bandwidth adjustable from 0 to 14%
n High rejection of out of band signals and noise
n Immunity to false signals
n Highly stable center frequency
n Center frequency adjustable from 0.01 Hz to 500 kHz
Applications
n Touch tone decoding
n Precision oscillator
n Frequency monitoring and control
n Wide band FSK demodulation
n Ultrasonic controls
n Carrier current remote controls
n Communications paging decoders
Connection Diagrams
Metal Can Package
DS006975-1
Top View
Order Number LM567H or LM567CH
See NS Package Number H08C
Dual-In-Line and Small Outline Packages
DS006975-2
Top View
Order Number LM567CM
See NS Package Number M08A
Order Number LM567CN
See NS Package Number N08E
May 1999
© 1999 National Semiconductor Corporation
DS006975
www.national.com


Similar Part No. - LM567C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567C NSC-LM567C Datasheet
339Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567C TI2-LM567C Datasheet
2Mb / 29P
LM567x Tone Decoder
REVISED JANUARY 2022
logo
National Semiconductor ...
LM567CH NSC-LM567CH Datasheet
339Kb / 12P
Tone Decoder
LM567CM NSC-LM567CM Datasheet
339Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567CM TI1-LM567CM Datasheet
1Mb / 18P
Tone Decoder
More results

Similar Description - LM567C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
Low Power Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
PLL tone decoder IC
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
Micropower Tone Decoder
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
Tone Decoder
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
Low-Power Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com