Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB2136
Description  UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 41Page - Texas Instruments TUSB2136 Datasheet HTML 42Page - Texas Instruments TUSB2136 Datasheet HTML 43Page - Texas Instruments TUSB2136 Datasheet HTML 44Page - Texas Instruments TUSB2136 Datasheet HTML 45Page - Texas Instruments TUSB2136 Datasheet HTML 46Page - Texas Instruments TUSB2136 Datasheet HTML 47Page - Texas Instruments TUSB2136 Datasheet HTML 48Page - Texas Instruments TUSB2136 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
4–1
4 Application
4.1
Keyboard Section
Table 4–1 outlines the GPIO assignment for the switch-matrix scanning and for keyboard LED drive. Figure 4–1
illustrates the port-3 pins that are assigned to drive the four keyboard LEDs. As shown, P3[5:2] can sink up to 12 mA
(open-drain output) on each pin. Figure 4–2 illustrates the 18 outputs (open-drain) and the 8 inputs (internal pullups)
that are used for the switch-matrix scanning. Figure 4–3 illustrates the partial connection bus power mode. Figure
4–4 shows the USB upstream connection, and Figure 4–5 illustrates the downstream connection (only one port
shown).
Table 4–1. GPIO Assignment for Matrix Scan and LED Drive
GPIO
I/O
P0[7:0]
O
8-bit matrix-scan outputs
P1[7:0]
O
8-bit matrix-scan outputs
P3.6
O
1-bit matrix-scan output
P3.7
O
1-bit matrix-scan output
P2[7:0]
I
8-bit matrix-scan inputs
P3.2
O
Keyboard LED-1
P3.3
O
Keyboard LED-2
P3.4
O
Keyboard LED-3
P3.5
O
Keyboard LED-4
P3.0
I/O
GPIO (Not used for keyboard)
P3.1
I/O
GPIO (Not used for keyboard)
TUSB2136
P3.2
P3.3
P3.4
P3.5
VCC
Figure 4–1. Keyboard LED Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com