Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB2136
Description  UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 6Page - Texas Instruments TUSB2136 Datasheet HTML 7Page - Texas Instruments TUSB2136 Datasheet HTML 8Page - Texas Instruments TUSB2136 Datasheet HTML 9Page - Texas Instruments TUSB2136 Datasheet HTML 10Page - Texas Instruments TUSB2136 Datasheet HTML 11Page - Texas Instruments TUSB2136 Datasheet HTML 12Page - Texas Instruments TUSB2136 Datasheet HTML 13Page - Texas Instruments TUSB2136 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
1–4
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DM0
19
I/O
Differential data-minus USB port 0: upstream
DM1
6
I/O
Differential data-minus port-1: downstream
DM2
63
I/O
Differential data-minus port-2: downstream
DP0
18
I/O
Differential data-plus USB port 0: upstream
DP1
7
I/O
Differential data-plus port-1: downstream
DP2
64
I/O
Differential data-plus port-2: downstream
GND
5, 20, 24,
42, 59
Power supply ground
OVCR1
4
I
Port-1: Overcorrect indicator; Schmitt-trigger input, 100-
µA active pullup
OVCR2
1
I
Port-2: Overcorrect indicator; Schmitt-trigger input, 100-
µA active pullup
P0.[0:7]
43, 44, 45,
46, 47, 48,
49, 50
I/O
General-purpose I/O port 0 bits 0–7, Schmitt-trigger input, 100-
µA active pullup, open drain output†
P1.[0:7]
31, 32, 33,
34, 35, 36,
40, 41
I/O
General-purpose I/O port 1 bits 0–7, Schmitt-trigger input, 100-
µA active pullup, open drain output†
P2.[0:7]
22, 23, 25,
26, 27, 28,
29, 30
I/O
General-purpose I/O port 2 bits 0–7, Schmitt-trigger input, 100-
µA active pullup, open drain output†
P3.0/S0/RXD
58
I/O
P3.0: General-purpose I/O port 3 bit 0, Schmitt-trigger input, 100-
µA active pullup, open drain output†
S0: See Section 2.6.12
RXD: Can be used as a UART interface
P3.1/S1/TXD
57
I/O
P3.1: General-purpose I/O port 3 bit 1, Schmitt-trigger input, 100-
µA active pullup, open drain output†
I/O
S1: See Section 2.6.12
I/O
TXD: Can be used as a UART interface
P3.2
56
I/O
General-purpose I/O port 3 bit 2, Schmitt-trigger input, 100-
µA active pullup, open drain output†; INT0
only used internally (see Section 2.9.4)
P3.3
55
I/O
General-purpose I/O port 3 bit 3, Schmitt-trigger input, 100-
µA active pullup, open drain output†;
may support INT1 input, depending on configuration (see Figure 2–5)
P3.[4:7]
54, 53, 52,
51
I/O
General-purpose I/O port 3 bit 4, Schmitt-trigger input, 100-
µA active pullup, open drain output†
PUR
17
O
Pullup resistor connection pin (3-state); push-pull CMOS output (
±8 mA)
PWRO1
3
O
Port-1: power on/off control signal; push-pull CMOS output (
±8mA)
PWRO2
2
O
Port-2: power on/off control signal; push-pull CMOS output (
±8mA)
RST
13
I
Controller master reset signal, Schmitt-trigger input, 100-
µA active pullup
S2
8
I
General-purpose input; can be used for VID/PID selection under firmware control. This input has no
internal pullup, so it must be driven/pulled either low or high and connot be left unconnected.
S3
9
I
General-purpose input. This input has no internal pullup, so it must be driven/pulled either low or high
and connot be left unconnected.
SCL
12
O
Serial clock I2C; push-pull output
SDA
11
I/O
Serial data I2C; open drain output†
SELF/BUS
21
I
USB power MODE select: self-powered (HIGH), bus-powered (LOW)
SUSP
16
O
Suspend status signal: suspended (HIGH); unsuspended (LOW)
TEST0‡
14
I
Test input0, Schmitt-trigger input, 100-
µA active pullup
TEST1‡
15
I
Test input1, Schmitt-trigger input, 100-
µA active pullup
† All open-drain output pins can sink up to 8 mA.
‡ The functions controlled by TEST0 and TEST1 are shown in the following table. Because these two pins have internal pullups, they can be left
unconnected for the default mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com