Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB2136
Description  UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 3Page - Texas Instruments TUSB2136 Datasheet HTML 4Page - Texas Instruments TUSB2136 Datasheet HTML 5Page - Texas Instruments TUSB2136 Datasheet HTML 6Page - Texas Instruments TUSB2136 Datasheet HTML 7Page - Texas Instruments TUSB2136 Datasheet HTML 8Page - Texas Instruments TUSB2136 Datasheet HTML 9Page - Texas Instruments TUSB2136 Datasheet HTML 10Page - Texas Instruments TUSB2136 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
1–1
1 Introduction
The TUSB2136 is an integrated universal serial bus (USB) 1.1 hub with a keyboard I/O controller. This makes it an
ideal solution for a compound USB keyboard with built-in hub device. The TUSB2136 has 8k
× 8 RAM space for
application development. A ROM-based version of the TUSB2136 has 8k
× 8 ROM space for predeveloped
customer-specific production applications. In addition, the TUSB2136 is programmable and can be used for various
other general USB controller applications. Unique vendor identification and product identification (VID/PID) can be
selected without the use of an external EEPROM. Using a 12-MHz crystal, the onboard oscillator generates the
internal system clocks. No additional programming is required for any part of the hub functions. The device can be
programmed via an inter-IC (I2C) serial interface at power on from an EEPROM, or optionally, the application firmware
can be downloaded from a host PC via USB. The 8052-based microprocessor allows several third-party standard
tools to be used for application development. In addition, the application code available in the general market can
also be used (this may or may not require some code modification due to hardware variations).
1.1
Features
•
Multiproduct support with one code and one chip (up to 16 products with one chip)
•
Fully compliant with the USB release 1.1 specification
•
Supports 1.5 and 12 Mbits/s USB data rates
•
Supports USB suspend/resume and remote wake-up operation
•
Integrated two-port hub with individual power management per port
•
Integrated 8052 microcontroller with:
–
256
× 8 RAM for internal data
–
8K
× 8 RAM code space available for downloadable firmware from host or I2C port. [1]
–
512
× 8 shared RAM used for data buffers and endpoint descriptor blocks (EDB) [2]
–
Four 8052 GPIO ports, ports 0,1, 2 and 3
–
Master I2C controller for external slave device access
–
Watchdog timer
•
Operates from a 12-MHz crystal
•
On-chip PLL generates 48 MHz
•
Supports a total of 3 input and 3 output (interrupt, bulk) endpoints
•
Power-down mode
•
64-pin TQFP package
[1] The TUSB2136 has 8K x 8 RAM for development. 8K x 8 ROM version available. Contact TI Marketing
[2] This is the buffer space for USB packet transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com