Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3552DB Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAW3552DB
Description  USB/PS2 Optical Mouse SoC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3552DB Datasheet(HTML) 8 Page - Pixart Imaging Inc.

  PAW3552DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PixArt Imaging Inc.
PAW3552DB Product Brief
USB/PS2 Optical Mouse SoC
Version 0.1 |1 Mar 2016 | 10003EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.0 OTPs for Flexible Configurations
The PAW3552DB supports specific function programmable by using PixArt’s provided programmer. This can speed up
project production to meet time to market.
Table 2. Programmable Configurations
Programmable Item Specific Function
Remark
Interface
USB or PS2
CPI resolution
800, 1000 (default), 1200, 1600, 2000, 2400
Sensor rotation
0 (default), +90, -90, 180
USB report format
8bit /16bit (default)
USB P_string
USB Optical Mouse(default), xxxxxxxxxx USB Optical Mouse
x: Support 10 words totally.
Specific character as
0~9, a~z, A~Z, ., space
USB PID
2510 (default), xxxx (custom PID)
x: Support any Hex code except
FFFF.
USB VID
093A (default), xxxx (custom VID)
x: Support any Hex code except
FFFF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com