Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3552DB Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAW3552DB
Description  USB/PS2 Optical Mouse SoC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3552DB Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAW3552DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary: This product is still under product development where the product specifications are subjected to change upon product release.
1
PAW3552DB Product Brief
USB/PS2 Optical Mouse SoC
Version 0.1 |1 Mar 2016 | 10003EN
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAW3552DB : USB/PS2 Optical Mouse SoC
General Description
The PAW3552DB is a highly integrated CMOS processed
entry-level optical mouse single chip with USB and PS2
interfaces that serves as a non-mechanical motion
estimation engine for implementing a computer mouse.
The PAW3552DB also includes an internal RC oscillator to
replace an external resonator for BOM cost reduction.
The internal OTPs provides customers with flexibility of
different configurations at manufacture side.
Key Features
 USB or PS2 interface (Programmable via OTP)
 Optical motion estimation technology
 Accurate motion estimation over a wide range of
surfaces
 High speed motion detection up to 30 inches/sec
 Power saving mode during times of no movement
 Supports three buttons (L, M, R) and three axes (X, Y, Z)
output
 Z-axis support mechanical input
 Internal RC oscillation without external resonator
 USB spec
 Compliant to the USB specification version 2.00
 Complete USB HID specs V1.11 compatibility
 Integrated USB transceiver and 1.5Mbps USB serial
interface engine
 OTP flexible configurations
 Interface: USB / PS2
 Sensor orientation: 0, +90, -90, 180
 USB report format: 8bit / 16bit
 USB P_string: xxxxxxxxxx USB Optical Mouse
 USB PID/VID: xxxx / xxxx
 CPI resolution : 800~2400
Applications
 Wired optical mouse applications
 Optical navigation systems
Key Parameters
Parameter
Value
Power Supply (V)
4.25V ~ 5.5V (from USB VBus)
Interface
USB or PS2
Speed
Up to 30 inches/sec
Acceleration
Up to 8g
Resolution (cpi)
800/1000(default)/1200/1600/
2000/2400
Frame Rate (fps)
3300 frames/sec
Operating Current
10mA @Mouse moving (Normal)
5mA @Mouse not moving (Sleep)
480uA @USB suspend (Suspend)
Package
Staggered DIP8 type
Ordering Information
Part Number
Interface
PAW3552DB-VJXT
USB+PS2
PAW3552DB-VJWT
USB Only
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - PAW3552DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3501UI-P2 PIXART-PAW3501UI-P2 Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3501UI-P4 PIXART-PAW3501UI-P4 Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3502DL PIXART-PAW3502DL Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAW3552DB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
3D USBPS2 Mouse
June 14, 2000
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
8051 Embedded USB/PS2 Keyboard/Mouse Controller
MDT80C06 ETC1-MDT80C06 Datasheet
160Kb / 21P
PS2 optical 2D/3D, 3/5 key mouse controller
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
logo
Micon Design Technology...
MDT80C06 MDTIC-MDT80C06 Datasheet
152Kb / 21P
PS2 optical 2D/3D, 3/5 key mouse controller
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com