Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3552DB Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAW3552DB
Description  USB/PS2 Optical Mouse SoC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3552DB Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAW3552DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PixArt Imaging Inc.
PAW3552DB Product Brief
USB/PS2 Optical Mouse SoC
Version 0.1 |1 Mar 2016 | 10003EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
2.0 Mechanical Specifications
2.1
Package Mechanical Dimension
9.9
0.390
0.50
0.020
9.1
0.358
5.15
0.203
1.0
0.039
0.25
0.010
3.18
0.125
12.60 +/-0.3
0.496
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4. Angular tolerance: +/- 3.0degress
Max. 12
1
2
3
4
8
7
6
5
1.0
0.039
1
2
3
4
2.0
0.078
0.76
0.030
4.55
0.179
5.0
0.196
2.0
0.078
1.01
0.040
4.45
0.175
8
7
6
5
Figure 3. Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com