Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM612IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM612IM
Description  Dual-Channel Comparator and Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM612IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM612IM Datasheet HTML 1Page - National Semiconductor (TI) LM612IM Datasheet HTML 2Page - National Semiconductor (TI) LM612IM Datasheet HTML 3Page - National Semiconductor (TI) LM612IM Datasheet HTML 4Page - National Semiconductor (TI) LM612IM Datasheet HTML 5Page - National Semiconductor (TI) LM612IM Datasheet HTML 6Page - National Semiconductor (TI) LM612IM Datasheet HTML 7Page - National Semiconductor (TI) LM612IM Datasheet HTML 8Page - National Semiconductor (TI) LM612IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH11058
February 1995
LM612
Dual-Channel Comparator and Reference
General Description
The dual-channel comparator consists of two individual
comparators having an input voltage range that extends
down to the negative supply voltage Vb The common
open-collector output can be driven low by either half of the
LM612 This configuration makes the LM612 ideal for use
as a window comparator The input stages of the compara-
tor have lateral PNP input transistors which maintain low
input currents for large differential input voltages and swings
above Va
The 12V voltage reference referred to the Vb terminal is a
two-terminal shunt-type band-gap similar to the LM185-12
series with voltage accuracy of g06% available The refer-
ence features operation over a shunt current range of 17 mA
to 20 mA low dynamic impedance and broad capacitive
load range
As a member of National’s Super-BlockTM family
the
LM612 is a space-saving monolithic alternative to a multi-
chip solution offering a high level of integration without sac-
rificing performance
Features
COMPARATORS
Y
Low operating current
300 mA
Y
Wide supply voltage range
4V to 36V
Y
Open-collector outputs
Y
Input common-mode range
Vb to (Va b 18V)
Y
Wide differential input voltage
g
36V
REFERENCE
Y
Fixed output voltage
124V
Y
Tight initial tolerance available
g
06% (25 C)
Y
Wide operating current range
17 mAto20mA
Y
Tolerant of load capacitance
Applications
Y
Voltage window comparator
Y
Power supply voltage monitor
Y
Dual-channel fault monitor
Connection Diagram
TLH11058 – 1
Top View
Ordering Information
For information about surface-mount packaging of this device please contact the Analog Product Marketing group at
National Semiconductor Corporation headquarters
Tolerances
Reference
Temperature Range
Package
Package
Number
NSC
Military
Industrial
b
55 C s TJ s a125 C
b
40 C s TJ a85 C
g
06% at 25 C
LM612AMN
LM612AIN
8-Pin
N08E
80 ppm C Max
Molded DIP
LM612AMJ883
8-Pin
J08A
(Note 13)
Ceramic DIP
g
20% at 25 C
LM612MN
LM612IN
8-Pin
N08E
150 ppm C Max
Molded DIP
LM612IM
8-Pin Narrow
M08A
Surface Mount
Super-BlockTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM612IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
logo
National Semiconductor ...
LM6121H/883 NSC-LM6121H/883 Datasheet
285Kb / 10P
High Speed Buffer
LM6121J/883 NSC-LM6121J/883 Datasheet
285Kb / 10P
High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
More results

Similar Description - LM612IM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
89Kb / 4P
Comparator and Reference Circuits
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Analog Devices
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Analog Devices
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Analog Devices
ADCMP361 AD-ADCMP361_15 Datasheet
296Kb / 12P
Comparator and Reference with Dual Polarity Outputs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com