Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5725ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5725ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5725ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5725ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
ADL5725
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
INPT
RBIAS
VCC1
OUTN
OUTP
DNC
VCC2
3
4
1
2
6
5
8
7
ADL5725
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT
CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE
SOLDERED TO A LOW IMPEDANCE
GROUND PLANE.
3. THE DEVICE NUMBER ON THE FIGURE
DOES NOT INDICATE THE LABEL ON
THE PACKAGE. REFER TO THE PIN 1
INDICATOR FOR THE PIN LOCATIONS.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC1
1.8 V Power Supply. It is recommended to place the decoupling capacitors as close to this pin as possible.
2
GND
Ground.
3
INPT
RF Input. This is a 50 Ω single-ended input.
4
RBIAS
Resistor Bias. For typical operation, connect a 357 Ω resistor from RBIAS to GND. It is recommended to place
the RBIAS resistor as close to the pin as possible.
5
DNC
Do Not Connect. Do not connect to this pin.
6, 7
OUTP, OUTN
RF Outputs. These pins are 100 Ω differential outputs.
8
VCC2
3.3 V Power Supply. It is recommended to place the decoupling capacitors as close to this pin as possible.
EPAD (EP)
Exposed Pad. The exposed pad must be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com