Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5725ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5725ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5725ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5725ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADL5725
Rev. 0 | Page 11 of 12
BASIC CONNECTIONS FOR OPERATION
Figure 20 shows the basic connections for operating the ADL5725 as it is implemented on the evaluation board of the device.
DNI
U2
U1
RFIN
R4
R2
R1
P1
GND
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
572X_RFOP
572X_RFON
5V
3P3V
1P8V
R3
357
RBIAS
ADL5725
DUTA
ADM7172ACPZ-3.3
ADM7170ACPZ-1.8
25-146-1000-92
10K
0
0
69157-102HLF
BLK
4.7UF
1000PF
4.7UF
4.7UF
1000PF
4.7UF
0.1UF
0.1UF
4.7NF
33PF
33PF
4.7NF
25-146-1000-92
25-146-1000-92
RED
RED
RED
0
5
2
3
7
6
PAD
4
1
8
1
1
1
CNSRI2516100092_SW109201A5
1
2
3
4
CNSRI2516100092_SW109201A5
1
2
3
4
1
1
2
CNSRI2516100092_SW109201A5
1
2 3 4
5
PAD 6
3
4
8
7
1
2
5
PAD 6
3
4
8
7
1
2
OUTP
OUTN
RFIN
1.8V
5V
1.8V
1.8V
3.3V
3.3V
3.3V
5V
5V
1.8V
AGND
AGND
AGND
AGND
OUTN
OUTP
INPT
PAD
VCC2
DNC
RBIAS
GND
VCC1
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
EP
VIN2
VIN1
GND
EN
SS
SENSE
VOUT2
VOUT1
EP
VIN
VIN
GND
EN
SS
SENSE
VOUT
VOUT
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
Figure 20. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Function
Default Condition
3P3V, 1P8V, GND, 5V
Power supplies and ground.
Not applicable
RFIN, 572X_RFOP, 572x_RFON
Input, output, and data.
Not applicable
RBIAS
357 Ω for RBIAS.
RBIAS = 357 Ω (0402)
R1, R2
1.8 V and 3.3 V regulator connections.
R1, R2 = 0 Ω (0402)
R3
Do not install (DNI).
R3 = DNI (0402)
R4
Pull-up or pull-down resistor.
R4 = 10 kΩ (0402)
C1 to C12
The capacitors provide the required decoupling for the supply
related pins.
C1,C4 = 4.7 nF (0402),
C2, C3 = 33 pF (0402),
C5, C6 = 0.1 µF (0402),
C7, C9, C10, C12 = 4.7 µF (0603),
C8, C11 = 1000 pF (0603)
P1
Jumper to change bands, 2-pin jumper.
Not applicable
U1
ADM7170ACPZ-1.8 1.8 V regulator.
Not applicable
U2
ADM7172ACPZ-3.3 3.3 V regulator.
Not applicable
DUTA
ADL5725 device under test (DUT).
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com