Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5725ACPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5725ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5725ACPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5725ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5725ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ADL5725
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.15 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.10
2.00 SQ
1.90
Figure 21. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2.00 mm × 2.00 mm Body, and 0.55 mm Package Height
(CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL5725ACPZN-R7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-10
ADL5725-EVALZ
Evaluation Board
1
Z = RoHS-Compliant Part.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14318-0-4/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com