Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5726ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5726ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5726ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5726ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADL5726
Rev. A | Page 3 of 13
SPECIFICATIONS
AC SPECIFICATIONS
VCC1 = 1.8 V, VCC2 = 3.3 V, RBIAS = 442 Ω, TA = 25°C, ZSOURCE = 50 Ω, ZLOAD = 100 Ω differential, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
21.2
23.6
GHz
FREQUENCY = 21.2 GHz
Gain (S21)
24.7
dB
Noise Figure
3.3
dB
Input Third-Order Intercept (IIP3)
Δf = 1 MHz, input power (PIN) = −30 dBm per tone
1.0
dBm
Input 1 dB Compression Point (P1dB)
−9.5
dBm
Input Return Loss (S11)
10
dB
Output Return Loss (S22)
10
dB
FREQUENCY = 23.6 GHz
Gain (S21)
22.5
dB
Noise Figure
3.4
dB
Input Third-Order Intercept (IIP3)
Δf = 1 MHz, PIN = −30 dBm per tone
3.0
dBm
Input 1 dB Compression Point (P1dB)
−8
dBm
Input Return Loss (S11)
10
dB
Output Return Loss (S22)
10
dB
DC SPECIFICATIONS
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INTERFACE
Voltage
VCC1
1.65
1.8
1.95
V
VCC2
3.1
3.3
3.5
V
Quiescent Current vs. Temperature
VCC1
TA = 25°C
14.1
mA
−40°C ≤ TA ≤ +85°C
15.4
mA
VCC2
TA = 25°C
74.4
mA
−40°C ≤ TA ≤ +85°C
77.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com