Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5726ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5726ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5726ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5726ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADL5726
Data Sheet
Rev. A | Page 10 of 13
PERFORMANCE UP TO 26.5 GHz
This section provides the test results at a higher frequency from
23.2 GHz to 26.5 GHz. Differential outputs are measured here.
Traces, hybrids, and connector losses were deembeded for all
measurements except output return loss. It is important to note
that this performance is typical and not guaranteed.
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
35
30
25
20
15
10
5
0
Figure 18. Gain vs. Frequency
15
10
5
0
–5
–10
–15
–20
–25
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
Figure 19. Input P1dB vs. Frequency
15
10
5
0
–5
–10
–15
–20
–25
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
Figure 20. IIP3 vs. Frequency
10
8
6
4
2
0
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
Figure 21. Noise Figure vs. Frequency
0
–5
–10
–15
–20
–25
–30
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
Figure 22. Input Return Loss vs. Frequency
0
FREQUENCY (GHz)
26.5
26.0
25.0
25.5
24.0
24.5
23.6
–5
–10
–15
–20
–25
–30
Figure 23. Output Return Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com