Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5726ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5726ACPZN-R7
Description  Point to point microwave radios
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5726ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5726ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5726ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADL5726
Rev. A | Page 11 of 13
EVALUATION BOARD
The ADL5726-EVALZ comes with an ADL5726 chip. Itsupports
a single 5 V supply for ease of use. For 5 V operation, the 3.3 V
and 1.8 V test loops are for evaluation purposes only. When
using a 3.3 V or 1.8 V supply, remove the R1 and R2 resistors
from the evaluation board. Figure 25 shows the ADL5726-
EVALZ lab bench setup.
INITIAL SETUP
To set up the ADL5726-EVALZ, take the following steps:
1. Power up the ADL5726-EVALZ with a 5 V dc supply. The
supply current of the evaluation board is approximately
90 mA, which is a combination of the VCC1 (1.8 V) and
the VCC2 (3.3 V) currents.
2. Connect the signal generator to the input of the ADL5726-
EVALZ.
3. Connect RFOP and RFON to a 180° hybrid that works
within the 21.2 GHz to 23.6 GHz frequency range.
4. Connect the difference output of the hybrid to the
spectrum analyzer. The sum port of the hybrid must be
terminated to 50 Ω.
See Figure 25 for the ADL5726-EVALZ lab bench setup.
RESULTS
Figure 24 shows the expected results when testing the
ADL5726-EVALZ using the Rev. A version of the evaluation
board and its software. Note that future iterations of the software
may produce different results. See the ADL5726 product page
for the most recent software version.
Figure 24 shows the results of the differential output for an input
of 21.2 GHz at −15 dBm. The hybrid and board loss have not
been deembedded.
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1
21.15
21.17
21.16
21.18 21.19
21.21
21.23
21.20
21.22
21.24 21.25
FREQUENCY (GHz)
RESOLUTION BANDWIDTH = 20kHz
VIDEO BANDWIDTH = 20kHz
SWEEP = 301ms (1001pts)
Figure 24. Test Results at 21.2 GHz
+5V DC
GND
INPUT
RF FREQUENCY GENERATOR
RFON
RFOP
180° HYBRID FOR DIFFERENTIAL
TO SINGLE ENDED OUTPUT
SPECTRUM
ANALYZER
Figure 25. ADL5726-EVALZ Lab Bench Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com