Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC342 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC342
Description  Microwave Point-to-Point Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC342 Datasheet(HTML) 1 Page - Analog Devices

  HMC342 Datasheet HTML 1Page - Analog Devices HMC342 Datasheet HTML 2Page - Analog Devices HMC342 Datasheet HTML 3Page - Analog Devices HMC342 Datasheet HTML 4Page - Analog Devices HMC342 Datasheet HTML 5Page - Analog Devices HMC342 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 14
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC342
GaAs MMIC LOW NOISE
AMPLIFIER, 13 - 25 GHz
v01.0907
General Description
Features
Functional Diagram
The HMC342 chip is a GaAs MMIC
Low Noise
Amplifier (LNA) which covers the frequency range
of 13 to 25 GHz. The chip can easily be integrated
into Multi-Chip Modules (MCMs) due to its small
(2.14 mm
2) size. The chip utilizes a GaAs PHEMT
process offering 20 dB gain from a single bias
supply of +3V @ 41mA with a noise figure of 3.5 dB.
All data is with the chip in a 50 ohm test fixture con-
nected via 0.025 mm (1 mil) diameter wire bonds of
minimal length 0.31 mm (<12 mils).
Noise Figure : 3.5 dB
Gain: 20 dB
Single Supply : +3V @ 41mA
Small Size: 1.06 x 2.02 mm
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC342 is ideal for:
• Microwave Point-to-Point Radios
• Millimeterwave Point-to-Point Radios
• VSAT & SATCOM
Parameter
Min.
Typ.
Max.
Units
Frequency Range
13 - 25
GHz
Gain
16
21
26
dB
Gain Variation Over Temperature
.03
.04
dB/°C
Noise Figure
3.5
4.5
dB
Input Return Loss
6
13
dB
Output Return Loss
6
14
dB
Reverse Isolation
39
45
dB
Output Power for 1dB Compression (P1dB)
1
5
dBm
Saturated Output Power (Psat)
3
8
dBm
Output Third Order Intercept (IP3)
8
13
dBm
Supply Current (Idd)(Vdd = +3V)
41
55
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Micross Components
HMC342 MICROSS-HMC342 Datasheet
876Kb / 9P
Millimeterwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results

Similar Description - HMC342

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
Point to point microwave radios
Rev. 0
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
Point to point microwave radios
Rev. A
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com