Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM615 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM615
Description  LM615 Quad Comparator and Adjustable Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM615 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM615 Datasheet HTML 4Page - National Semiconductor (TI) LM615 Datasheet HTML 5Page - National Semiconductor (TI) LM615 Datasheet HTML 6Page - National Semiconductor (TI) LM615 Datasheet HTML 7Page - National Semiconductor (TI) LM615 Datasheet HTML 8Page - National Semiconductor (TI) LM615 Datasheet HTML 9Page - National Semiconductor (TI) LM615 Datasheet HTML 10Page - National Semiconductor (TI) LM615 Datasheet HTML 11Page - National Semiconductor (TI) LM615 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Information
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that
models as a simple zener diode With current Ir flowing in
the ‘‘forward’’ direction there is the familiar diode transfer
function Ir flowing in the reverse direction forces the refer-
ence voltage to be developed from cathode to anode The
cathode may swing from a diode drop below Vb to the ref-
erence voltage or to the avalanche voltage of the parallel
protection diode nominally 7V A 63V reference with Va e
3V is allowed
TLH11057 – 9
FIGURE 1 Voltage Associated with Reference
(Current Source Ir is External)
The reference equivalent circuit reveals how Vr is held at
the constant 12V by feedback and how the FEEDBACK pin
passes little current
To generate the required reverse current typically a resistor
is connected from a supply voltage higher than the refer-
ence voltage Varying that voltage and so varying Ir has
small effect with the equivalent series resistance of less
than an ohm at the higher currents Alternatively an active
current source such as the LM134 series may generate Ir
TLH11057 – 10
FIGURE 2 Reference Equivalent Circuit
TLH11057 – 11
FIGURE 3 12V Reference
Capacitors in parallel with the reference are allowed See
the Reference AC Stability Range typical curve for capaci-
tance valuesfrom 20 mA to 3 mA any capacitor value is
stable With the reference’s wide stability range with resis-
tive and capacitive loads a wide range of RC filter values
will perform noise filtering
Adjustable Reference
The FEEDBACK pin allows the reference output voltage
Vro to vary from 124V to 63V The reference attempts to
hold Vr at 124V If Vr is above 124V the reference will
conduct current from Cathode to Anode FEEDBACK cur-
rent always remains low If FEEDBACK is connected to An-
ode then Vro e Vr e 124V For higher voltages FEED-
BACK is held at a constant voltage above Anodesay
376V for Vro e 5V Connecting a resistor across the con-
stant Vr generates a current I e R1Vr flowing from Cath-
ode into FEEDBACK node A Thevenin equivalent 376V is
generated from FEEDBACK to Anode with R2 e 376I
Keep I greater than one thousand times larger than FEED-
BACK bias current for k01% errorI t 32 mA for the mili-
tary grade over the military temperature range (I t 55 mA
for a 1% untrimmed error for an industrial temperature
range part)
TLH11057 – 12
FIGURE 4 Thevenin Equivalent of
Reference with 5V Output
TLH11057 – 13
R1 e Vr I e 12432m e 39k
R2 e R1 (Vro Vr) b 1 e 39k (5124) b 1 e 118k
FIGURE 5 Resistors R1 and R2 Program
Reference Output Voltage to be 5V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com