Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM615 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM615
Description  LM615 Quad Comparator and Adjustable Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM615 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM615 Datasheet HTML 6Page - National Semiconductor (TI) LM615 Datasheet HTML 7Page - National Semiconductor (TI) LM615 Datasheet HTML 8Page - National Semiconductor (TI) LM615 Datasheet HTML 9Page - National Semiconductor (TI) LM615 Datasheet HTML 10Page - National Semiconductor (TI) LM615 Datasheet HTML 11Page - National Semiconductor (TI) LM615 Datasheet HTML 12Page - National Semiconductor (TI) LM615 Datasheet HTML 13Page - National Semiconductor (TI) LM615 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
COMPARATORS
Any of the comparators or the reference may be biased in
any way with no effect on the other sections of the LM615
except when a substrate diode conducts (see Electrical
Characteristics Note 3) For example one or both inputs of
one comparator may be outside the input voltage range lim-
its the reference may be unpowered and the other compar-
ators will still operate correctly Unused comparators should
have inverting input and output tied to Vb and non-inverting
input tied to Va
Hysteresis
Any comparator may oscillate or produce a noisy output if
the applied differential input voltage is near the compara-
tor’s offset voltage This usually happens when the input
signal is moving very slowly across the comparator’s switch-
ing threshold This problem can be prevented by the addi-
tion of hysteresis or positive feedback as shown in
Figure
12
TLH11057 – 20
FIGURE 12 RS and RF Add Hysteresis to Comparator
The amount of hysteresis added in
Figure 12 is
VH e Va x
RS
(RF a RS)
Va x
RS
RF
for RF n RS
A good rule of thumb is to add hysteresis of at least the
maximum specified offset voltage More than about 50 mV
of hysteresis can substantially reduce the accuracy of the
comparator since the offset voltage is effectively being in-
creased by the hysteresis when the comparator output is
high
It is often a good idea to decrease the amount of hysteresis
until oscillations are observed then use three times that
minimum hysteresis in the final circuit Note that the amount
of hysteresis needed is greatly affected by layout The
amount of hysteresis should be rechecked each time the
layout is changed such as changing from a breadboard to a
PC board
Input Stage
The input stage uses lateral PNP input transistors which
unlike those of many op amps have breakdown voltage
BVEBO equal to the absolute maximum supply voltage Also
they have no diode clamps to the positive supply nor across
the inputs These features make the inputs look like high
impedances to input sources producing large differential
and common-mode voltages
The guaranteed common-mode input voltage range for an
LM615 is Vb s VCM s (Va b 18V) over temperature
This is the voltage range in which the comparisons must be
made If both inputs are within this range the output will be
at the correct state If one input is within this range and the
other input is less than (Vb a 32V) even if this is greater
than Va the output will be at the correct state If however
either or both inputs are driven below Vb and either input
current exceeds 10 mA the output state is not guaranteed
to be correct If both inputs are above (Va b 18V) the
output state is also not guaranteed to be correct
Output Stage
The comparators have open-collector output stages which
require a pull-up resistor from each output pin to a positive
supply voltage of the output to switch properly When the
internal output transistor is off the output (HIGH) voltage
will be pulled up to this external positive voltage
To ensure that the LOW output voltage is under the TTL-low
threshold the output transistor’s load current must be less
than 08 mA (over temperature) when it turns on This im-
pacts the minimum value of the pull-up resistor
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com