Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM615 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM615
Description  LM615 Quad Comparator and Adjustable Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM615 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM615 Datasheet HTML 1Page - National Semiconductor (TI) LM615 Datasheet HTML 2Page - National Semiconductor (TI) LM615 Datasheet HTML 3Page - National Semiconductor (TI) LM615 Datasheet HTML 4Page - National Semiconductor (TI) LM615 Datasheet HTML 5Page - National Semiconductor (TI) LM615 Datasheet HTML 6Page - National Semiconductor (TI) LM615 Datasheet HTML 7Page - National Semiconductor (TI) LM615 Datasheet HTML 8Page - National Semiconductor (TI) LM615 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH11057
December 1994
LM615 Quad Comparator and Adjustable Reference
General Description
The comparators have an input range which extends to the
negative supply and have open-collector outputs Improved
over the LM139 series the input stages of the comparators
have lateral PNP input transistors which enable low input
currents for large differential input voltages and swings
above Va
The voltage reference is a three-terminal shunt-type band-
gap and is referred to the Vb terminal Two resistors pro-
gram the reference from 124V to 63V with accuracy of
g
06% available The reference features operation over a
shunt current range of 17 mA to 20 mA low dynamic imped-
ance broad capacitive load range and cathode terminal
voltage ranging from a diode-drop below Vb to above Va
As a member of National’s Super-BlockTM family
the
LM615 is a space-saving monolithic alternative to a multi-
chip solution offering a high level of integration without sac-
rificing performance
Features
COMPARATORS
Y
Low operating current
600 mA
Y
Wide supply voltage range
4V to 36V
Y
Open-collector outputs
Y
Input common-mode range
Vb to (Va b 18V)
Y
Wide differential input voltage
g
36V
REFERENCE
Y
Adjustable output voltage
124V to 63V
Y
Tight initial tolerance available
g
06% (25 C)
Y
Wide operating current range
17 mAto20mA
Y
Tolerant of load capacitance
Applications
Y
Adjustable threshold detector
Y
Time-delay generator
Y
Voltage window comparator
Y
Power supply monitor
Y
RGB level detector
Connection Diagram
M Package
TLH11057 – 24
Top View
N Package
TLH11057 – 1
Top View
Ordering Information
For information about surface-mount packaging of this device please contact the
Analog Product Marketing group at National Semiconductor Corp headquarters
Reference
Temperature Range
NSC
Tolerances
Military
Industrial
Package
Package Number
b
55 C s TJ s a125 C
b
40 C s TJ s a85 C
g
06% at 25 C
LM615AMN
LM615AIN
16-Pin
N16A
80 ppm C max
Molded DIP
LM615AMJ883
16-Pin
J16A
(Note 13)
Ceramic DIP
g
20% at 25 C
LM615MN
LM615IN
16-Pin
N16A
150 ppm C max
Molded DIP
LM615IM
16-Pin Narrow
M16A
Surface Mount
Super-BlockTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6152 TI2-LM6152 Datasheet
880Kb / 28P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
REVISED SEPTEMBER 2014
logo
National Semiconductor ...
LM6152ACM NSC-LM6152ACM Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152ACM TI1-LM6152ACM Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
Quad Operational Amplifier and Adjustable Reference
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
LM614 Quad Operational Amplifier and Adjustable Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LM614 TI1-LM614 Datasheet
1Mb / 26P
Quad Operational Amplifier and Adjustable Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
Comparator with 1.25% Reference and Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com