Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8224ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD8224
Rev. D | Page 7 of 28
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = 1 + (49.4 kΩ/R
G)
Gain Range
1
1000
1
1000
V/V
Gain Error
G = 1
V
OUT = 0.3 V to 2.9 V
0.06
0.04
%
G = 10
V
OUT = 0.3 V to 3.8 V
0.3
0.2
%
G = 100
V
OUT = 0.3 V to 3.8 V
0.3
0.2
%
G = 1000
V
OUT = 0.3 V to 3.8 V
0.3
0.2
%
Nonlinearity
V
OUT = 0.3 V to 2.9 V for G = 1
V
OUT = 0.3 V to 3.8 V for G > 1
G = 1
R
L = 10 kΩ
35
50
35
50
ppm
G = 10
R
L = 10 kΩ
35
50
35
50
ppm
G = 100
R
L = 10 kΩ
50
75
50
75
ppm
G = 1000
R
L = 10 kΩ
90
115
90
115
ppm
G = 1
R
L = 2 kΩ
35
50
35
50
ppm
G = 10
R
L = 2 kΩ
35
50
35
50
ppm
G = 100
R
L = 2 kΩ
50
75
50
75
ppm
G = 1000
R
L = 2 kΩ
175
200
175
200
ppm
Gain vs. Temperature
G = 1
3
10
2
5
ppm/°C
G > 10
−50
−50
ppm/°C
INPUT
Impedance (Pin to Ground)4
104||6
104||6
GΩ||pF
Input Voltage Range5
−0.1
+V
S − 2
−0.1
+V
S − 2
V
Over Temperature
T = −40°C to +85°C
−0.1
+V
S − 2.1
−0.1
+V
S − 2.1
V
OUTPUT
Output Swing
R
L = 2 kΩ
0.25
4.75
0.25
4.75
V
Over Temperature
T = −40°C to +85°C
0.3
4.70
0.3
4.70
V
Output Swing
R
L = 10 kΩ
0.15
4.85
0.15
4.85
V
Over Temperature
T = −40°C to +85°C
0.2
4.80
0.2
4.80
V
Short-Circuit Current
15
15
mA
POWER SUPPLY
Operating Range
4.5
36
4.5
36
V
Quiescent Current (Per Amplifier)
750
800
750
800
µA
Over Temperature
T = −40°C to +85°C
850
900
850
900
µA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
Operational6
−40
+125
−40
+125
°C
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Refers to the differential configuration shown in Figure 64.
3 Refer to Figure 15 and Figure 16 for the relationship between input current and temperature.
4 Differential and common-mode impedance can be calculated from the pin impedance: Z
DIFF = 2(ZPIN); ZCM = ZPIN/2.
5 The AD8224 can operate up to a diode drop below the negative supply, but the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.
6 The AD8224 is characterized from −40°C to +125°C. See the Typical Performance Characteristics section for expected operation in that temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com