Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8224ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Precision, Dual-Channel, JFET Input,
Rail-to-Rail Instrumentation Amplifier
Data Sheet
AD8224
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Two channels in a small 4 mm × 4 mm LFCSP
Custom LFCSP package with hidden paddle
Permits routing and vias underneath package
Allows full bias current performance
Low input currents
10 pA maximum input bias current (B grade)
0.6 pA maximum input offset current (B grade)
High CMRR
100 dB CMRR (minimum), G = 10 (B grade)
90 dB CMRR (minimum) to 10 kHz, G = 10 (B grade)
Excellent ac specifications and low power
1.5 MHz bandwidth (G = 1)
14 nV/√Hz input noise (1 kHz)
Slew rate: 2 V/µs
750 µA quiescent current per amplifier
Versatility
Rail-to-rail output
Input voltage range to below negative supply rail
4 kV ESD protection
4.5 V to 36 V single supply
±2.25 V to ±18 V dual supply
Gain set with single resistor (G = 1 to 1000)
APPLICATIONS
Medical instrumentation
Precision data acquisition
Transducer interfaces
Differential drives for high resolution input ADCs
Remote sensors
FUNCTIONAL BLOCK DIAGRAM
AD8224
1
2
3
4
12
11
10
9
5
6
7
8
13
14
15
16
–IN1
RG1
RG1
+IN1
–IN2
RG2
RG2
+IN2
Figure 1.
Table 1. In Amps and Difference Amplifiers by Category
High
Perform
Low
Cost
High
Voltage
Mil
Grade
Low
Power
Digital
Gain
AD82201
AD85531
AD628
AD620
AD6271
AD82311
AD8221
AD6231
AD629
AD621
AD8250
AD8222
AD524
AD8251
AD526
AD85551
AD624
AD85561
AD85571
1 Rail-to-rail output.
GENERAL DESCRIPTION
The AD8224 is the first single-supply, JFET input instrumentation
amplifier available in the space-saving 16-lead, 4 mm × 4 mm
LFCSP. It requires the same board area as a typical single
instrumentation amplifier yet doubles the channel density
and offers a lower cost per channel without compromising
performance.
Designed to meet the needs of high performance, portable
instrumentation, the AD8224 has a minimum common-mode
rejection ratio (CMRR) of 86 dB at dc and a minimum CMRR
of 80 dB at 10 kHz for G = 1. Maximum input bias current is 10 pA
and typically remains below 300 pA over the entire industrial
temperature range. Despite the JFET inputs, the AD8224
typically has a noise corner of only 10 Hz.
With the proliferation of mixed-signal processing, the number
of power supplies required in each system has grown. Designed
to alleviate this problem, the AD8224 can operate on a ±18 V
dual supply, as well as on a single +5 V supply. The device’s rail-
to-rail output stage maximizes dynamic range on the low voltage
supplies common in portable applications. Its ability to run on a
single 5 V supply eliminates the need for higher voltage, dual
supplies. The AD8224 draws 750 µA of quiescent current per
amplifier, making it ideal for battery powered devices.
In addition, the AD8224 can be configured as a single-channel,
differential output, instrumentation amplifier. Differential
outputs provide high noise immunity, which can be useful when
the output signal must travel through a noisy environment, such
as with remote sensors. The configuration can also be used to
drive differential input ADCs. For a single-channel version, use
the AD8220.


Similar Part No. - AD8224ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
1Mb / 27P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
864Kb / 28P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
More results

Similar Description - AD8224ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8224 AD-AD8224 Datasheet
1Mb / 27P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com