Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8224ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD8224
Data Sheet
Rev. D | Page 14 of 28
40
60
80
100
120
140
160
10
100
1000
10000
100000
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
FREQUENCY (Hz)
BANDWIDTH
LIMITED
Figure 17. CMRR vs. Frequency
40
60
80
100
120
140
160
1
10
100
1000
10000
100000
GAIN = 1000
GAIN = 100
GAIN = 1
GAIN = 10
FREQUENCY (Hz)
BANDWIDTH
LIMITED
Figure 18. CMRR vs. Frequency, 1 kΩ Source Imbalance
0
1
3
5
2
4
6
7
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
Figure 19. Change in CMRR vs. Temperature, G = 1
70
–40
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
60
50
40
30
20
10
0
–10
–20
–30
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 20. Gain vs. Frequency
OUTPUT VOLTAGE (V)
–8
–10
–6
–4
–2
0
2
4
6
8
10
RLOAD = 2kΩ
RLOAD = 10kΩ
VS = ±15V
Figure 21. Gain Nonlinearity, G = 1
OUTPUT VOLTAGE (V)
–8
–10
–6
–4
–2
0
2
4
6
8
10
RLOAD = 2kΩ
RLOAD = 10kΩ
VS = ±15V
Figure 22. Gain Nonlinearity, G = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com