Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627BRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD627BRZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627BRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD627BRZ-R7 Datasheet HTML 1Page - Analog Devices AD627BRZ-R7 Datasheet HTML 2Page - Analog Devices AD627BRZ-R7 Datasheet HTML 3Page - Analog Devices AD627BRZ-R7 Datasheet HTML 4Page - Analog Devices AD627BRZ-R7 Datasheet HTML 5Page - Analog Devices AD627BRZ-R7 Datasheet HTML 6Page - Analog Devices AD627BRZ-R7 Datasheet HTML 7Page - Analog Devices AD627BRZ-R7 Datasheet HTML 8Page - Analog Devices AD627BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 4 of 24
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB
Bandwidth
G = +5
80
80
kHz
G = +100
3
3
kHz
G = +1000
0.4
0.4
kHz
Slew Rate
+0.05/−0.07
+0.05/−0.07
V/µs
Settling Time to 0.01%
VS = 3 V, 1.5 V output step
G = +5
65
65
µs
G = +100
290
290
µs
Settling Time to 0.01%
VS = 5 V, 2.5 V output step
G = +5
85
85
µs
G = +100
330
330
µs
Overload Recovery
50% input overload
3
3
µs
1
Does not include effects of External Resistor RG.
2
See Table 8 for total RTI errors.
3
See the Using the AD627 section for more information on the input range, gain range, and common-mode range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com