Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627BRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD627BRZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627BRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD627BRZ-R7 Datasheet HTML 3Page - Analog Devices AD627BRZ-R7 Datasheet HTML 4Page - Analog Devices AD627BRZ-R7 Datasheet HTML 5Page - Analog Devices AD627BRZ-R7 Datasheet HTML 6Page - Analog Devices AD627BRZ-R7 Datasheet HTML 7Page - Analog Devices AD627BRZ-R7 Datasheet HTML 8Page - Analog Devices AD627BRZ-R7 Datasheet HTML 9Page - Analog Devices AD627BRZ-R7 Datasheet HTML 10Page - Analog Devices AD627BRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 6 of 24
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB
Bandwidth
G = +5
80
80
kHz
G = +100
3
3
kHz
G = +1000
0.4
0.4
kHz
Slew Rate
+0.05/−0.06
+0.05/−0.06
V/µs
Settling Time to 0.01%
VS = ±5 V,
+5 V output step
G = +5
135
135
µs
G = +100
350
350
µs
Settling Time to 0.01%
VS = ±15 V,
+15 V output step
G = +5
330
330
µs
G = +100
560
560
µs
Overload Recovery
50% input overload
3
3
µs
1
Does not include effects of External Resistor RG.
2
See Table 8 for total RTI errors.
3
See the Using the AD627 section for more information on the input range, gain range, and common-mode range.
DUAL AND SINGLE SUPPLIES
Table 3.
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
( ) (
)2
2
/G
e
e
Noise
RTI
Total
no
ni
+
=
Input, Voltage Noise, eni
38
38
nV/√Hz
Output, Voltage Noise, eno
177
177
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = +5
1.2
1.2
µV p-p
G = +1000
0.56
0.56
µV p-p
Current Noise
f = 1 kHz
50
50
fA/√Hz
0.1 Hz to 10 Hz
1.0
1.0
pA p-p
REFERENCE INPUT
RIN
RG = ∞
125
125
kΩ
Gain to Output
1
1
Voltage Range1
POWER SUPPLY
Operating Range
Dual supply
±1.1
±18
±1.1
±18
V
Single supply
2.2
36
2.2
36
V
Quiescent Current
60
85
60
85
µA
Over Temperature
200
200
nA/°C
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
1
See Using the AD627 section for more information on the reference terminal, input range, gain range, and common-mode range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com