Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627BRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD627BRZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627BRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD627BRZ-R7 Datasheet HTML 5Page - Analog Devices AD627BRZ-R7 Datasheet HTML 6Page - Analog Devices AD627BRZ-R7 Datasheet HTML 7Page - Analog Devices AD627BRZ-R7 Datasheet HTML 8Page - Analog Devices AD627BRZ-R7 Datasheet HTML 9Page - Analog Devices AD627BRZ-R7 Datasheet HTML 10Page - Analog Devices AD627BRZ-R7 Datasheet HTML 11Page - Analog Devices AD627BRZ-R7 Datasheet HTML 12Page - Analog Devices AD627BRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RG
1
–IN
2
+IN
3
–VS
4
RG
8
+VS
7
OUTPUT
6
REF
5
AD627
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead PDIP Pin Configuration
1
2
3
4
8
7
6
5
AD627
TOP VIEW
(Not to Scale)
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
Figure 4. 8-Lead SOIC_N Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RG
External Gain Setting Resistor. Place gain setting resistor across RG pins to set the gain.
2
−IN
Negative Input.
3
+IN
Positive Input.
4
−VS
Negative Voltage Supply Pin.
5
REF
Reference Pin. Drive with low impedance voltage source to level shift the output voltage.
6
OUTPUT
Output Voltage.
7
+VS
Positive Supply Voltage.
8
RG
External Gain Setting Resistor. Place gain setting resistor across RG pins to set the gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com