Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8237ARMZ-R7
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8237ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD8237
Rev. 0 | Page 11 of 28
15
–15
–2.5
2.5
DIFFERENTIAL INPUT VOLTAGE (V)
–10
–5
0
5
10
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
IB+
IB
VS = ±2.5V
VCM = 0V
REPRESENTATIVE SAMPLE
Figure 16. Input Bias Current vs. Differential Input Voltage
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
LOW BANDWIDTH MODE
VS = 5V
Figure 17. Positive PSRR vs. Frequency, RTI, Low Bandwidth Mode, VS = 5 V
140
120
100
80
60
40
20
0
–20
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
LOW BANDWIDTH MODE
VS = 5V
Figure 18. Negative PSRR vs. Frequency, RTI, Low Bandwidth Mode, VS = 5 V
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
HIGH BANDWIDTH MODE
Figure 19. Positive PSRR vs. Frequency, RTI, High Bandwidth Mode
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
HIGH BANDWIDTH MODE
Figure 20. Negative PSRR vs. Frequency, RTI, High Bandwidth Mode
80
70
60
50
40
30
20
10
0
–10
–20
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
LOW BANDWIDTH MODE
VS = 5V
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 21. Gain vs. Frequency, Low Bandwidth Mode, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com