Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8237ARMZ-R7
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8237ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 24Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 25Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 26Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 27Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 28Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
AD8237
Rev. 0 | Page 25 of 28
APPLICATIONS INFORMATION
BATTERY CURRENT MONITOR
The micropower current consumption, unique topology, and rail-to-
rail input of the AD8237 make it ideal for battery-powered current
sensing applications. When configured as shown in Figure 75, the
AD8237 is able to obtain an accurate high-side current measurement
for both charging and discharging. Depending on the nature of the
load, +VS may require RC decoupling. Use Kelvin sensing methods
to achieve the most accurate results.
AD8237
+IN
–IN
REF
FB
VOUT
VREF
R1
R2
RSHUNT
VBAT
+
VOUT = G(I × RSHUNT) + VREF
+VS
–VS
LOAD
Figure 75. Battery-Powered Current Sense
PROGRAMMABLE GAIN IN-AMP
Most integrated circuit instrumentation amplifiers use a single
resistor to set the gain, which is in a low impedance path. Any
component placed between the gain setting pins has current flowing
through it, which adds to the gain resistance. Typical CMOS switches
have on resistance, RON. RON is not well controlled, is nonlinear with
input voltage, and has high drift. This creates large gain errors and
distortion at the output of the in-amp. This RON problem has made
it difficult to build a precision programmable gain in-amp in the
past. With the AD8237 topology, the switches can be placed in a high
impedance sense path, eliminating the parasitic resistance effects.
Figure 76 shows one way to accomplish programmable gain. Some
applications may benefit from using a digital potentiometer instead
of a multiplexer.
AD8237
+IN
–IN
470pF
VOUT
FB
20kΩ
ADG604
200Ω
4:1 MUX
2kΩ
200Ω
22.1Ω
G = 10
G = 100
G = 1000
REF
2kΩ
G = 1
Figure 76. Programmable Gain with a Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com