Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8237ARMZ-R7
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8237ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD8237
Rev. 0 | Page 17 of 28
G = 100
HIGH BANDWIDTH MODE
20mV/DIV
100µs/DIV
fCHOP
Figure 52. Small Signal Pulse Response, G = 100, RL = 10 kΩ, CL = 100 pF,
High Bandwidth Mode
G = 1000
HIGH BANDWIDTH MODE
20mV/DIV
1ms/DIV
Figure 53. Small Signal Pulse Response, G = 1000, RL = 10 kΩ, CL = 100 pF,
High Bandwidth Mode
G = 10
HIGH BANDWIDTH MODE
RL = 100kΩ
50mV/DIV
40µs/DIV
100pF
2nF
NO LOAD
560pF
Figure 54. Small Signal Pulse Response with Various Capacitive Loads,
G = 10, RL = 100 kΩ, High Bandwidth Mode
80
60
40
20
0
–80
–60
–40
–20
–40
–25
–10
5
20
125
110
95
80
65
50
35
TEMPERATURE (°C)
NORMALIZED TO 25°C
VS = ±2.5V
Figure 55. Offset Voltage vs. Temperature
50
40
20
10
30
0
–50
–40
–20
–10
–30
–40
–25
–10
5
20
125
110
95
80
65
50
35
TEMPERATURE (°C)
NORMALIZED TO 25°C
GAIN = 1
VS = ±2.5V
VOUT = ±2V
Figure 56. Gain vs. Temperature
1.0
0.8
0.4
0.2
0.6
0
–1.0
–0.8
–0.4
–0.2
–0.6
–40
–25
–10
5
20
125
110
95
80
65
50
35
TEMPERATURE (°C)
NORMALIZED TO 25°C
G = 1
VS = ±2.5V
VCM = ±2V
Figure 57. CMRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com