Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8476BCPZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8476BCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±10 V
Maximum Voltage at Any Input Pin
+VS + 18 V
Minimum Voltage at Any Input Pin
−VS – 18 V
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +125°C
Package Glass Transition Temperature (TG)
150°C
ESD (Human Body Model)
2500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The θJA values in Table 3 assume a 4-layer JEDEC standard
board with zero airflow.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead MSOP
209.0
°C/W
16-Lead LFCSP, 3 mm × 3 mm
78.5
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8476 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 150°C for an
extended period may result in a loss of functionality.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com