Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8476BCPZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8476BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = +5 V, G = 1, VOCM connected to 2.5 V, RL = 2 kΩ differentially, TA = 25°C, referred to output (RTO), unless otherwise noted.
50
–50
–40
–30
–20
–10
0
10
20
30
40
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
NORMALIZED TO 25°C
Figure 5. CMRR vs. Temperature
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
–1500
–1300
–1100
–900
–700
–500
–300
–100
100
300
500
700
900
1100
1300
1500
NORMALIZED TO 25°C
Figure 6. System Offset Temperature Drift
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
–150
–100
–50
0
50
100
150
NORMALIZED TO 25°C
Figure 7. Gain Error vs. Temperature
15
–15
–10
–5
0
5
10
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±2.5V
Figure 8. Input Common-Mode Voltage vs. Output Voltage,
VS = ±5 V and ±2.5 V
115
65
70
75
80
85
90
95
100
105
110
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±5V
VS = +5V
Figure 9. Common-Mode Rejection vs. Frequency
–20
–100
–90
–80
–70
–60
–50
–40
–30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±5V
VS = +5V
Figure 10. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com