Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8476BCPZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8476BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8476BCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 12 of 24
500ns/DIV
RL = 10kΩ
RL = 2kΩ
RL = 200Ω
Figure 29. Small Signal Step Response for Various Resistive Loads, VS = ±5 V
500ns/DIV
CL = 0pF
CL = 5pF
CL = 10pF
Figure 30. Small Signal Step Response for Various Capacitive Loads, VS = ±5 V
500ns/DIV
Figure 31. VOCM Small Signal Step Response
500ns/DIV
RL = 10kΩ
RL = 2kΩ
RL = 200Ω
Figure 32. Large Signal Step Response for Various Resistive Loads, VS = ±5 V
500ns/DIV
CL = 0pF
CL = 5pF
CL = 10pF
Figure 33. Large Signal Step Response for Various Capacitive Loads, VS = ±5 V
10µs/DIV
Figure 34. VOCM Large Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com