Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476BRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8476BRMZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476BRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8476BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8476BRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 7 of 24
12
11
10
1
3
4
NC
–OUT
+OUT
9 VOCM
INP
INN
2
INP
INN
AD8476
TOP VIEW
(Not to Scale)
NOTES
1. PINS LABELED NC CAN BE ALLOWED TO FLOAT,
BUT IT IS BETTER TO CONNECT THESE PINS TO
GROUND. AVOID ROUTING HIGH SPEED SIGNALS
THROUGH THESE PINS BECAUSE NOISE COUPLING
MAY RESULT.
2. SOLDER THE EXPOSED PADDLE ON THE BACK OF
THE PACKAGE TO A GROUND PLANE.
Figure 4. 16-Lead LFCSP Pin Configuration
Table 5. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INP
Positive Input.
2
INP
Positive Input.
3
INN
Negative Input.
4
INN
Negative Input .
5
+VS
Positive Supply.
6
+VS
Positive Supply.
7
+VS
Positive Supply.
8
+VS
Positive Supply.
9
VOCM
Output Common-Mode Adjust.
10
+OUT
Noninverting Output.
11
−OUT
Inverting Output.
12
NC
This pin is not connected internally (see Figure 4).
13
−VS
Negative Supply.
14
−VS
Negative Supply.
15
−VS
Negative Supply.
16
−VS
Negative Supply.
EPAD
Solder the exposed paddle on the back of the package to a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com